Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM828 Datasheet (PDF) - Texas Instruments

LM828 Datasheet PDF - Texas Instruments
Part # LM828
Download  LM828 Download
File Size   606.77 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM828 Switched Capacitor Voltage Converter

LM828 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM828 Datasheet PDF - Texas Instruments

Part # LM828
Download  LM828 Click to download

File Size   606.77 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM828 Switched Capacitor Voltage Converter

LM828 Datasheet (HTML) - Texas Instruments


LM828 Product details

1FEATURES
2• Inverts Input Supply Voltage
• SOT-23 Package
• 20Ω Typical Output Impedance
• 97% Typical Conversion Efficiency at 5 mA

APPLICATIONS
• Cellular Phones
• Pagers
• PDAs
• Operational Amplifier Power Supplies
• Interface Power Supplies
• Handheld Instruments

DESCRIPTION
The LM828 CMOS charge-pump voltage converter
inverts a positive voltage in the range of +1.8V to
+5.5V to the corresponding negative voltage of −1.8V
to −5.5V. The LM828 uses two low cost capacitors to
provide up to 25 mA of output current.
The LM828 operates at 12 kHz switching frequency
to reduce output resistance and voltage ripple. With
an operating current of only 40 μA (operating
efficiency greater than 96% with most loads), the
LM828 provides ideal performance for battery
powered systems. The device is in a tiny SOT-23
package.




Similar Part No. - LM828

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM828 NSC-LM828 Datasheet
186Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM828 TI1-LM828 Datasheet
893Kb / 15P
LM828 Switched Capacitor Voltage Converter
LM828 TI-LM828 Datasheet
875Kb / 15P
LM828 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM828M5 NSC-LM828M5 Datasheet
186Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM828M5 TI1-LM828M5 Datasheet
893Kb / 15P
LM828 Switched Capacitor Voltage Converter
More results


Similar Description - LM828

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM828M5X TI1-LM828M5X Datasheet
893Kb / 15P
LM828 Switched Capacitor Voltage Converter
LM828M5X TI-LM828M5X Datasheet
875Kb / 15P
LM828 Switched Capacitor Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com