Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM83 Datasheet (PDF) - Texas Instruments

LM83 Datasheet PDF - Texas Instruments
Part # LM83
Download  LM83 Download
File Size   387.91 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM83 Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface

LM83 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM83 Datasheet PDF - Texas Instruments

Part # LM83
Download  LM83 Click to download

File Size   387.91 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM83 Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface

LM83 Datasheet (HTML) - Texas Instruments


LM83 Product details

General Description
The LM83 is a digital temperature sensor with a 2 wire serial
interface that senses the voltage and thus the temperature of
three remote diodes using a Delta-Sigma analog-to-digital
converter with a digital over-temperature detector. The LM83
accurately senses its own temperature as well as the temperature
of three external devices, such as Pentium II® Processors
or diode connected 2N3904s. The temperature of
any ASIC can be detected using the LM83 as long as a dedicated
diode (semiconductor junction) is available on the die.
Using the SMBus interface a host can access the LM83’s
registers at any time. Activation of a T_CRIT_A output occurs
when any temperature is greater than a programmable
comparator limit, T_CRIT. Activation of an INT output occurs
when any temperature is greater than its corresponding programmable
comparator HIGH limit.
The host can program as well as read back the state of the
T_CRIT register and the four T_HIGH registers. Three state
logic inputs allow two pins (ADD0, ADD1) to select up to 9
SMBus address locations for the LM83. The sensor powers
up with default thresholds of 127°C for T_CRIT and all
T_HIGHs. The LM83 is pin for pin and register compatible
with the LM84 as well as the Maxim MAX1617 and the Analog
Devices ADM1021.

Features
Accurately senses die temperature of 3 remote ICs, or
diode junctions
On-board local temperature sensing
SMBus and I2C compatible interface, supports
SMBus 1.1 TIMEOUT
Two interrupt outputs: INT and T_CRIT_A
Register readback capability
7 bit plus sign temperature data format, 1 °C resolution
2 address select pins allow connection of 9 LM83s on a
single bus

Key Specifications
Supply Voltage 3.0V to 3.6V
Supply Current 0.8mA (max)
Local Temp Accuracy (includes quantization error)
0°C to +85°C ±3.0°C (max)
Remote Diode Temp Accuracy (includes quantization
error)
+25°C to +100°C ±3°C (max)
0°C to +125°C ±4°C (max)

Applications
System Thermal Management
Computers
Electronic Test Equipment
Office Electronics
HVAC




Similar Part No. - LM83

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM83 NSC-LM83 Datasheet
331Kb / 20P
Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM83 TI-LM83 Datasheet
337Kb / 22P
Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
LM8300 NSC-LM8300 Datasheet
327Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
logo
Texas Instruments
LM8300 TI1-LM8300 Datasheet
440Kb / 26P
LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
More results


Similar Description - LM83

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM83 NSC-LM83 Datasheet
331Kb / 20P
Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
LM95213 NSC-LM95213 Datasheet
721Kb / 34P
2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM95213 TI-LM95213_15 Datasheet
1Mb / 43P
2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM83 TI-LM83_15 Datasheet
337Kb / 22P
Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
LM84 TI-LM84_15 Datasheet
169Kb / 18P
Diode Input Digital Temperature Sensor with Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com