Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM84 Datasheet (PDF) - Texas Instruments

LM84 Datasheet PDF - Texas Instruments
Part # LM84
Download  LM84 Download
File Size   211.89 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM84 Diode Input Digital Temperature Sensor with Two-Wire Interface

LM84 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM84 Datasheet PDF - Texas Instruments

Part # LM84
Download  LM84 Click to download

File Size   211.89 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM84 Diode Input Digital Temperature Sensor with Two-Wire Interface

LM84 Datasheet (HTML) - Texas Instruments


LM84 Product details

General Description
The LM84 is a remote diode temperature sensor,
Delta-Sigma analog-to-digital converter, and digital
over-temperature detector with an SMBus™ interface. The
LM84 senses its own temperature as well as the temperature
of a target IC with a diode junction, such as a Pentium®
II processor or a diode connected 2N3904. A diode junction
(semiconductor junction) is required on the target IC’s die. A
host can query the LM84 at any time to read the temperature
of this diode as well as the temperature state of the LM84
itself. A T_CRIT_A interrupt output becomes active when the
temperature is greater than a programmable comparator
limit, T_CRIT.
The host can program as well as read back the state of the
T_CRIT register. Three state logic inputs allow two pins
(ADD0, ADD1) to select up to 9 SMBus address locations for
the LM84. The sensor powers up with default thresholds of
127°C for T_CRIT.

Features
Directly senses die temperature of remote ICs
Senses temperature of remote diodes
SMBus compatible interface, supports SMBus Timeout
Register readback capability
7 bit plus sign temperature data format
2 address select lines enable 9 LM84s to be connected
to a single bus

Key Specifications
Supply Voltage 3.0V - 3.6V
Supply Current 1 mA (max)
Local Temperature Accuracy ±1.0°C (typ)
Remote Diode Temperature Accuracy
+60°C to +100°C ±3°C (max)
0°C to +125°C ±5°C (max)

Applications
System Thermal Management
Personal Computers
Electronic Test Equipment
Office Electronics
HVAC




Similar Part No. - LM84

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84 Datasheet
169Kb / 18P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM8400 NSC-LM8400 Datasheet
319Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
logo
LM Technologies Ltd
LM842 LMTECHNOLOGIES-LM842 Datasheet
1Mb / 8P
LM842 WiFi 802.11ac / Bluetooth® 5.0 2T2R USB Adapter
26/JAN/2021
LM842-8420 LMTECHNOLOGIES-LM842-8420 Datasheet
1Mb / 8P
LM842 WiFi 802.11ac / Bluetooth® 5.0 2T2R USB Adapter
26/JAN/2021
More results


Similar Description - LM84

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
LM84 TI-LM84_15 Datasheet
169Kb / 18P
Diode Input Digital Temperature Sensor with Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com