Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM236-2.5 Datasheet (PDF) - Texas Instruments

LM236-2.5 Datasheet PDF - Texas Instruments
Part # LM236-2.5
Download  LM236-2.5 Download
File Size   557.69 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V INTEGRATED REFERENCE CIRCUITS

LM236-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM236-2.5 Datasheet PDF - Texas Instruments

Part # LM236-2.5
Download  LM236-2.5 Click to download

File Size   557.69 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V INTEGRATED REFERENCE CIRCUITS

LM236-2.5 Datasheet (HTML) - Texas Instruments


LM236-2.5 Product details

Low Temperature Coefficient
Wide Operating Current . . . 400 μA
to 10 mA
0.27-Ω Dynamic Impedance
±1% Tolerance Available
Specified Temperature Stability
Easily Trimmed for Minimum Temperature
Drift
Fast Turnon

description/ordering information
The LM236-2.5, LM336-2.5, and LM336B-2.5
integrated circuits are precision 2.5-V shunt
regulator diodes. These reference circuits
operate as low-temperature-coefficient 2.5-V
Zener diodes with a 0.2-Ω dynamic impedance. A
third terminal provided on the circuit allows the
reference voltage and temperature coefficient to
be trimmed easily.
The series is useful as precision 2.5-V low-voltage references (VZ) for digital voltmeters, power supplies, or
operational-amplifier circuitry. The 2.5-V voltage reference makes it convenient to obtain a stable reference from
5-V logic supplies. Devices in this series operate as shunt regulators, and can be used as either positive or
negative voltage references.
The LM236-2.5 is characterized for operation from −25°C to 85°C. The LM336-2.5 and LM336B-2.5 are
characterized for operation from 0°C to 70°C.




Similar Part No. - LM236-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
95Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUITS
logo
National Semiconductor ...
LM236-2.5 NSC-LM236-2.5 Datasheet
223Kb / 12P
Reference Diode
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
2.5V INTEGRATED REFERENCE CIRCUITS
logo
National Semiconductor ...
LM236-2.5 NSC-LM236-2.5 Datasheet
679Kb / 12P
Reference Diode
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5 Datasheet
676Kb / 14P
Reference Diode
More results


Similar Description - LM236-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM236 TI-LM236 Datasheet
95Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUITS
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
2.5V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
2.5-V INTEGRATED REFERENCE CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com