Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB25P Datasheet (PDF) - ITT Industries

DB25P Datasheet PDF - ITT Industries
Part # DB25P
Download  DB25P Download
File Size   34.06 Kbytes
Page   1 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description Standard D-Subminiature

DB25P Datasheet (PDF)

Go To PDF Page Download Datasheet
DB25P Datasheet PDF - ITT Industries

Part # DB25P
Download  DB25P Click to download

File Size   34.06 Kbytes
Page   1 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description Standard D-Subminiature

DB25P Datasheet (HTML) - ITT Industries


DB25P Product details

Product Datasheet
General Standard D-Subminiature
Wire Gauge Range AWG AWG 20-28
Mating Cycles 50
Dielectric Withstanding Voltage 1200 VAC at sea level
Current Rating 7.5 A at 85°C / 5 A at 105°C
Contact Resistance 10 milli Ohm max
Operating Temperature -55°/+125°
Salt Spray Test 20 hours
Shell Material steel
Shell Finish yellow chromate over cadmium or zinc
Insulator Material Thermoplastic, type PCT UL 94V-0
Insulator Color black
Contact Arrangement 25 contacts size 20
Gender Pin
Contact Type turned
Contact Material copper alloy
Contact Finish gold flash (Performance Class 3)
Contact Termination Solder Pot
Mounting Methode .120'' (3,05mm) Through Hole




Similar Part No. - DB25P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DB25P-0L2-K87 ITT-DB25P-0L2-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DB25P-1A5N-K87 ITT-DB25P-1A5N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DB25P-1A6N-K87 ITT-DB25P-1A6N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DB25P-1A7N-K87 ITT-DB25P-1A7N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DB25P-1A8N-K87 ITT-DB25P-1A8N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
More results


Similar Description - DB25P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
D Subminiature
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
D Subminiature Connectors
DC-37S-F179A-A197 ITT-DC-37S-F179A-A197 Datasheet
35Kb / 1P
Standard D-Subminiature
logo
List of Unclassifed Man...
09670095654 ETC2-09670095654 Datasheet
2Mb / 38P
Standard subminiature D connectors
KF22X-E9P-N ETC2-KF22X-E9P-N Datasheet
1Mb / 1P
D-SUBMINIATURE CONNECTORS
logo
ITT Industries
DA15SF179 ITT-DA15SF179 Datasheet
34Kb / 1P
Standard D-Subminiature
logo
Kycon, Inc.
K22X KYCON-K22X Datasheet
667Kb / 1P
D-SUBMINIATURE CONNECTORS
K22XHT KYCON-K22XHT Datasheet
1Mb / 1P
D-SUBMINIATURE CONNECTORS
logo
ITT Industries
D110551 ITT-D110551 Datasheet
45Kb / 2P
D Subminiature Accessories
More results




About ITT Industries


ITT Inc. (formerly ITT Industries) is an American multinational conglomerate that operates in various industries, including aerospace, defense, communications, industrial and consumer products, and transportation. The company was founded in 1920 and is headquartered in White Plains, New York.

ITT operates through several business units, including Connect and Control Technologies, Defense and Information Solutions, Industrial Process, and Motion Technologies. These units offer a broad range of products and services, including connectors, valves, switches, pumps, control systems, electronic components, communications systems, and aerospace components.

ITT's engineering team has extensive experience in developing advanced technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

ITT's products are known for their high quality, reliability, and performance. The company uses advanced technologies and materials to develop products that are efficient, durable, and cost-effective.

Overall, ITT Inc. is a trusted provider of high-quality products and services for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com