Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC0201 Datasheet (PDF) - YAGEO Corporation

AC0201 Datasheet PDF - YAGEO Corporation
Part # AC0201
Download  AC0201 Download
File Size   414.14 Kbytes
Page   12 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE

AC0201 Datasheet (PDF)

Go To PDF Page Download Datasheet
AC0201 Datasheet PDF - YAGEO Corporation

Part # AC0201
Download  AC0201 Click to download

File Size   414.14 Kbytes
Page   12 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE

AC0201 Datasheet (HTML) - YAGEO Corporation


AC0201 Product details

APPLICATIONS
⚫ All general purpose applications
⚫ Car electronics, industrial application

FEATURES
⚫ AEC-Q200 qualified
⚫ Moisture sensitivity level: MSL 1
⚫ AC series soldering is compliant with J-STD-020D
⚫ Halogen free epoxy
⚫ RoHS compliant
- Products with lead-free terminations meet RoHS requirements
- Pb-glass contained in electrodes, resistor element and glass are exempted by RoHS
⚫ Reduce environmentally hazardous waste
⚫ High component and equipment reliability
⚫ The resistors are 100% performed by automatic optical inspection prior to taping.




Similar Part No. - AC0201

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0201 YAGEO-AC0201 Datasheet
455Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Mar. 19,2021 V.8
AC0201 YAGEO-AC0201 Datasheet
397Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jan. 04, 2023 V.10
AC0201000000SB000 YAGEO-AC0201000000SB000 Datasheet
208Kb / 1P
Surface-mount Ceramic Multilayer Capacitors
AC0201BRNPO8BN1R0 YAGEO-AC0201BRNPO8BN1R0 Datasheet
208Kb / 1P
Surface-mount Ceramic Multilayer Capacitors
AC0201BRNPO8BN1R0 YAGEO-AC0201BRNPO8BN1R0 Datasheet
2Mb / 26P
SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
May 21, 2024
More results


Similar Description - AC0201

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
THICK FILM CHIP RESISTORS Automotive grade
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
THICK FILM CHIP RESISTORS Precision grade
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
THICK FILM CHIP RESISTORS Automotive grade
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
Automotive Grade Thick Film Chip Resistors
logo
Vishay Siliconix
RCA VISHAY-RCA Datasheet
99Kb / 5P
Automotive Grade Thick Film, Rectangular Chip Resistors
14-Feb-08
logo
YAGEO Corporation
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
THICK FILM CHIP RESISTORS Automotive Precision grade
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
Automotive Grade Thick Film, Rectangular Chip Resistors
14-Feb-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com