Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3904ECW Datasheet (PDF) - Allegro MicroSystems

A3904ECW Datasheet PDF - Allegro MicroSystems
Part # A3904ECW
Download  A3904ECW Download
File Size   257.8 Kbytes
Page   7 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Low Voltage Voice Coil Motor Driver

A3904ECW Datasheet (PDF)

Go To PDF Page Download Datasheet
A3904ECW Datasheet PDF - Allegro MicroSystems

Part # A3904ECW
Download  A3904ECW Click to download

File Size   257.8 Kbytes
Page   7 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Low Voltage Voice Coil Motor Driver

A3904ECW Datasheet (HTML) - Allegro MicroSystems


A3904ECW Product details

Description

The A3904 is a voice coil motor (VCM) driver, with an I2 C-compatible serial interface. Designed for camera autofocus and zoom applications, this high accuracy digital IC is provided in small packages ideal for portable devices. Its operating voltage range is 2.4 to 5.5 V, and its maximum output current is 127 mA.



Features and Benefits

▪Fixed I2C logic thresholds

▪8-bit D-to-A converter

▪500 μA resolution

▪Low voltage I2C serial interface

▪Low current-draw sleep mode

▪2.4 to 5.5 V operation

▪2 mm × 1.5 mm, 0.38 mm nominal overall height DFN

▪1.1 mm × 0.7 mm, 0.5 mm maximum overall height WLCSP

▪1.1 mm × 0.7 mm, 0.33 mm nominal overall height bare die




Similar Part No. - A3904ECW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3904 ALLEGRO-A3904 Datasheet
191Kb / 7P
Low Voltage Voice Coil Motor Driver
More results


Similar Description - A3904ECW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
VOICE COIL MOTOR DRIVER
Nov-1991
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
VOICE COIL MOTOR DRIVER
Jul-1996
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
VOICE COIL MOTOR DRIVER
Feb-1998
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
Voice coil motor driver
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
VOICE COIL MOTOR DRIVER
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
VOICE COIL MOTOR DRIVER
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
A3904 ALLEGRO-A3904 Datasheet
191Kb / 7P
Low Voltage Voice Coil Motor Driver
A3907 ALLEGRO-A3907 Datasheet
361Kb / 11P
Low Voltage Voice Coil Motor Driver
A3907 ALLEGRO-A3907_16 Datasheet
406Kb / 11P
Low Voltage Voice Coil Motor Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com