Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H81M-V3 Datasheet (PDF) - KT Micro, Ltd.

H81M-V3 Datasheet PDF - KT Micro, Ltd.
Part # H81M-V3
Download  H81M-V3 Download
File Size   729.52 Kbytes
Page   25 Pages
Manufacturer  KTMICRO [KT Micro, Ltd.]
Direct Link  https://www.ktmicro.com/
Logo KTMICRO - KT Micro, Ltd.
Description Monolithic Dial-tuned AM/FM Receiver Radio-on-a-Chip™

H81M-V3 Datasheet (PDF)

Go To PDF Page Download Datasheet
H81M-V3 Datasheet PDF - KT Micro, Ltd.

Part # H81M-V3
Download  H81M-V3 Click to download

File Size   729.52 Kbytes
Page   25 Pages
Manufacturer  KTMICRO [KT Micro, Ltd.]
Direct Link  https://www.ktmicro.com/
Logo KTMICRO - KT Micro, Ltd.
Description Monolithic Dial-tuned AM/FM Receiver Radio-on-a-Chip™

H81M-V3 Datasheet (HTML) - KT Micro, Ltd.


H81M-V3 Product details

 Features
Single-chip AM/FM radio solution
Built-in MCU
Support analog mechanical tuning
Worldwide FM/AM band support
Maximum two FM bands with configurable
frequency range within 32MHz-110MHz
Maximum two AM bands with configurable
frequency range within 500KHz -1750KHz
High Sensitivity
1.6uVEMF for FM
16uVEMF for AM
High Fidelity
SNR (FM/AM): 58dB/55dB(without weighting filter)
THD: 0.3%
Low Supply Current
28mA (operating)
Integrated tuning indicator
Programmable sensitivity and hysteresis threshold
Low supply voltage
2.1V to 3.6V, can be supplied with 2 AAA batteries
Integrated low power crystal oscillator
Support 32.768KHz and 38KHz crystal
Arbitrary reference clock supported
From 30KHz to 40MHz with 1Hz step
Small form factor SSOP16L package
RoHS Compliant

 Applications
Desktop and portable radio, clock radio, MP3 speaker,
campus radio and other applications with mechanical
tuning.

 Description
The KT0932M is KT Micro’s latest generation of
proprietary fully integrated AM/FM receiver chip
supporting mechanical tuning without MCU. The new
features include improved tuning feel, new Tuning light
signal, improved EMI/EMC, improved FM flatness of
sensitivity.
Thanks to its advanced architecture, KT0932M offers an
excellent user listening experience with high sensitivity,
high signal-to-noise ratio, low distortion and low sensitivity
to interference.
KT0932M provides direct and simple interface to support
mechanical tuning. A pre-programmed low cost EEPROM
can be used to configure the radio settings to differentiate
product designs and accommodate standards in various
regions. No external MCU is required.
Thanks to its high integration level and efficient user
interface design, KT0932M lowers the system cost,
simplifies design and improves product reliability and
manufacturability. KT0932M can operate with two AAA
batteries, making it ideal for low-power portable radio.




Similar Part No. - H81M-V3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H81M0AAA MACOM-H81M0AAA Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H81M0AAB MACOM-H81M0AAB Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H81M0AAD MACOM-H81M0AAD Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H81M0ABA MACOM-H81M0ABA Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H81M0ABB MACOM-H81M0ABB Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
More results


Similar Description - H81M-V3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
AM/FM radio receiver circuit
March 1991
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
AM/FM RADIO RECEIVER
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
AM/FM RADIO RECEIVER
logo
Silicon Laboratories
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
Automotive AM/FM Radio Receiver
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
BROADCAST AM/FM RADIO RECEIVER
SI4683-A10 SILABS-SI4683-A10 Datasheet
53Kb / 2P
Single-Chip, AM/FM/HD Radio Receiver
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
BROADCAST AM/FM RADIO RECEIVER
logo
List of Unclassifed Man...
KT0830EG ETC-KT0830EG Datasheet
912Kb / 21P
Stereo FM Receiver Radio-on-a-Chip™
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com