Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJ Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SMCJ Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SMCJ
Download  SMCJ Download
File Size   191.87 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1500W, 5V - 170V Surface Mount Transient Voltage Suppressor

SMCJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SMCJ
Download  SMCJ Click to download

File Size   191.87 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1500W, 5V - 170V Surface Mount Transient Voltage Suppressor

SMCJ Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


SMCJ Product details

FEATURES
- Low profile package
- Ideal for automated placement
- Glass passivated junction
- Excellent clamping capability
- Typical IR less than 1μA above 10V
- Halogen-free according to IEC 61249-2-21
- Fast response time: Typically less than 1.0ps
- Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC




Similar Part No. - SMCJ

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMCJ WEITRON-SMCJ Datasheet
190Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ YANGJIE-SMCJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMCJ UNIOHM-SMCJ Datasheet
359Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
1500W Peak Power Surface Mount TVS
More results


Similar Description - SMCJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 18
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 18
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 18
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_15 Datasheet
192Kb / 7P
1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
SMBJH TSC-SMBJH Datasheet
450Kb / 8P
600W, 5V - 170V Surface Mount Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com