Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752938-2 Datasheet (PDF) - TE Connectivity Ltd

1752938-2 Datasheet PDF - TE Connectivity Ltd
Part # 1752938-2
Download  1752938-2 Download
File Size   3395.77 Kbytes
Page   5 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Socket Contact, Tin, 250 VAC, Locking Lance Contact Retention, 20 - 14 AWG Wire Size, .5-2 mm2 Wire Size, Crimp, Phosphor

1752938-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
1752938-2 Datasheet PDF - TE Connectivity Ltd

Part # 1752938-2
Download  1752938-2 Click to download

File Size   3395.77 Kbytes
Page   5 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Socket Contact, Tin, 250 VAC, Locking Lance Contact Retention, 20 - 14 AWG Wire Size, .5-2 mm2 Wire Size, Crimp, Phosphor

1752938-2 Datasheet (HTML) - TE Connectivity Ltd


1752938-2 Product details

Features
Electrical Characteristics 250 VAC
Operating Voltage
Contact Features
Mating Pin Diameter 3.56 mm[.14 in]
Wire Contact Termination Area Plating Thickness .4 - 3.5 pm[15.74 - 137.79 pin]
Wire Contact Termination Area Plating Material Finish Bright
Contact Orientation Straight
Contact Type Socket
Contact Mating Area Plating Material Tin
Wire Contact Termination Area Plating Material Pre-Tin
Contact Retention Within Housing With
Contact Base Material Phosphor Bronze
Contact Current Rating (Max) 17 A
Termination Features
Termination Method to Wire & Cable Crimp
Product Terminates To Wire & Cable
Mechanical Attachment
Wire Insulation Support Without
Contact Retention Type Within Housing Locking Lance
Dimensions
Compatible Insulation Diameter Range 2.5-4.5 mm[.O98 - .177 in]
Wire Size .5-2 mm2
Usage Conditions
Operating Temperature Range -55- 105 °C[-67-221 °F]
Operation/Application
Circuit Application Power
Packaging Features
Packaging Quantity 900
Packaging Method Carton




Similar Part No. - 1752938-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1752938-2 MACOM-1752938-2 Datasheet
245Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Similar Description - 1752938-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
66504-8 MACOM-66504-8 Datasheet
157Kb / 1P
SOCKET CONTACT, SIZE 20 DF, 20-24 AWG, AMPLIMTE
logo
CONEC Elektronische Bau...
132C15029X CONEC-132C15029X Datasheet
628Kb / 1P
Signal Crimp-Contact Socket Contact Wire Size 24-28
15.07.10
161A13419X CONEC-161A13419X Datasheet
136Kb / 1P
Signal Crimp Plug Contact stamped version Wire Size AWG 28-24
18.08.2016
162A11829X CONEC-162A11829X Datasheet
138Kb / 1P
Signal Crimp Socket Contact stamped version Wire Size AWG 24-20
16.08.2016
logo
Japan Aviation Electron...
MX77S13K5F1 JAE-MX77S13K5F1 Datasheet
37Kb / 2P
Socket Contact Tin 26 AWG Crimp
logo
CONEC Elektronische Bau...
131A15019X CONEC-131A15019X Datasheet
58Kb / 1P
SIGNAL CRIMP CONTACT MALE CONTACT Wire Size 20-24
30.01.2002
131A15029X CONEC-131A15029X Datasheet
37Kb / 1P
SIGNAL CRIMP CONTACT MALE CONTACT Wire Size 24-28
30.04.08
131B15019X CONEC-131B15019X Datasheet
58Kb / 1P
SIGNAL CRIMP CONTACT MALE CONTACT Wire Size 20-24
30.01.2002
131C15019X CONEC-131C15019X Datasheet
58Kb / 1P
SIGNAL CRIMP CONTACT MALE CONTACT Wire Size 20-24
30.01.2002
131C15029X CONEC-131C15029X Datasheet
37Kb / 1P
SIGNAL CRIMP CONTACT MALE CONTACT Wire Size 24-28
30.04.08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com