Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC245 Datasheet (PDF) - STMicroelectronics

74AC245 Datasheet PDF - STMicroelectronics
Part # 74AC245
Download  74AC245 Download
File Size   80.32 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS NON INVERTED

74AC245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC245 Datasheet PDF - STMicroelectronics

Part # 74AC245
Download  74AC245 Click to download

File Size   80.32 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS NON INVERTED

74AC245 Datasheet (HTML) - STMicroelectronics


74AC245 Product details

DESCRIPTION
The 74AC245 is an advanced high-speed CMOS OCTAL BUS TRANSCEIVER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.

■ HIGH SPEED: tPD = 4.5ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
   ICC = 4µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
   VNIH = VNIL = 28 % VCC (MIN.)
■ 50Ω TRANSMISSION LINE DRIVING
   CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH
   74 SERIES 244
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74AC245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
STMicroelectronics
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
logo
ON Semiconductor
74AC245 ONSEMI-74AC245 Datasheet
112Kb / 10P
Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
November, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
117Kb / 10P
Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245 Datasheet
415Kb / 12P
Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Similar Description - 74AC245

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
06-Aug-1997
logo
STMicroelectronics
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
M74HCT245 STMICROELECTRONICS-M74HCT245 Datasheet
258Kb / 9P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Aug-2001
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
271Kb / 9P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
logo
LG Semicon Co.,Ltd.
GD54LS245 LG-GD54LS245 Datasheet
142Kb / 3P
OCTAL BUS TRANSCEIVER; NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC245 STMICROELECTRONICS-M54HC245_04 Datasheet
164Kb / 10P
RAD-HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2004
M54HCT245 STMICROELECTRONICS-M54HCT245_04 Datasheet
234Kb / 10P
RAD HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
15-Jun-2004
M74HC245 STMICROELECTRONICS-M74HC245 Datasheet
181Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Jul-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com