Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25005 Datasheet (PDF) - Texas Instruments

LM25005 Datasheet PDF - Texas Instruments
Part # LM25005
Download  LM25005 Download
File Size   616.53 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25005 42V, 2.5A Step-Down Switching Regulator

LM25005 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25005 Datasheet PDF - Texas Instruments

Part # LM25005
Download  LM25005 Click to download

File Size   616.53 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25005 42V, 2.5A Step-Down Switching Regulator

LM25005 Datasheet (HTML) - Texas Instruments


LM25005 Product details

1FEATURES
2• Integrated 42V, 160mΩ N-Channel MOSFET
• Ultra-Wide Input Voltage Range from 7V to 42V
• Internal Bias Regulator
• Adjustable Output Voltage from 1.225V
• 1.5% Feedback Reference Accuracy
• Current Mode Control with Emulated Inductor
Current Ramp by•
Single Resistor Oscillator Frequency Setting
• Oscillator Synchronization Input
• Programmable Soft-Start
• Shutdown / Standby Input
• Wide Bandwidth Error Amplifier
• Thermal Shutdown

DESCRIPTION
The LM25005 switching regulator features all of the
functions necessary to implement an efficient, high
voltage buck regulator using a minimum of external
components. This easy to use regulator includes a
42V, 160mΩ, N-channel MOSFET, with an output
current capability of 2.5 Amps. The regulator control method is based upon current mode control utilizing
an emulated current ramp. Current mode control
provides inherent line voltage feed-forward, cycle-by•
cycle current limiting and ease of loop compensation.
The use of an emulated control ramp reduces noise sensitivity of the pulse-width modulation circuit,
allowing reliable control of very small duty cycles
necessary in high input voltage applications. The
operating frequency is programmable from 50kHz to
500kHz. An oscillator synchronization pin allows
multiple LM25005 regulators to self-synchronize or to
be synchronized to an external clock. Additional
protection features include: current limit, thermal
shutdown and remote shutdown capability. The
device is available in a power enhanced HTSSOP
package featuring an exposed die attach pad to aid
thermal dissipation.

Package
• HTSSOP (Exposed Pad)




Similar Part No. - LM25005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005 NSC-LM25005 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25005 TI-LM25005 Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25005MH NSC-LM25005MH Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005MH NSC-LM25005MH Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
More results


Similar Description - LM25005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
42V, 1.0A Step-Down Switching Regulator
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
42V, 1.0A Step-Down Switching Regulator
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT3975 LINER-LT3975_15 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7A Quiescent Current
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com