Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25007 Datasheet (PDF) - Texas Instruments

LM25007 Datasheet PDF - Texas Instruments
Part # LM25007
Download  LM25007 Download
File Size   683.59 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25007 42V, 0.5A Step-Down Switching Regulator

LM25007 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25007 Datasheet PDF - Texas Instruments

Part # LM25007
Download  LM25007 Click to download

File Size   683.59 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25007 42V, 0.5A Step-Down Switching Regulator

LM25007 Datasheet (HTML) - Texas Instruments


LM25007 Product details

1FEATURES
2• Integrated 0.74Ω N-Channel MOSFET Switch
• Guaranteed 0.5A Output Current
• Ultra-Fast Transient Response
• Up to 800kHz Operation
• No Control Loop Compensation Required
• Vin Feed Forward Provides Constant
Operating Frequency
• 2% Accurate 2.5V Feedback from -40°C to
125°C
• Highly Efficient Operation
• Intelligent Current Limit Protection
• External Shutdown Control
• Thermal Shutdown
• VSSOP and Thermally Enhanced WSON
Packages

TYPICAL APPLICATIONS
• 12VDC and 24VDC Distributed Rail Systems
• 24VAC Systems
• Automotive Body Electronics and Telematics
• Industrial Systems
• HB-LED Constant Current Source
• Package:
– VSSOP-8
– WSON-8 (4mm x 4mm)

DESCRIPTION
The LM25007 is a monolithic step-down switching
regulator featuring all of the functions needed to
implement a low cost, efficient, power supply.
Capable of driving a 0.5A load over a 9V-42V input
voltage range, this device is easy to apply and is
provided in the small VSSOP-8 and the thermally enhanced WSON-8 packages. Ultra-fast transient
response is achieved through the use of a constant
on-time architecture with Vin feed forward. This
feature provides an almost constant operating
frequency over load and input voltage variations. The
operating frequency can be adjusted with a single
resistor. This architecture is easy to use and tolerant
of component selection. An intelligent current limit is
implemented in the LM25007 with forced off time that
is inversely proportional to Vout thus ensuring recovery from fault conditions. The output voltage
may be set from 2.5V to >30V. To improve efficiency
in light load applications, the Vcc pin can be
connected to an external voltage source to eliminate
the drop through the internal regulator. Additional
features include: thermal shutdown, Vcc under-
voltage lockout, gate drive under-voltage lockout, and
max duty cycle limiter.




Similar Part No. - LM25007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
282Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
181Kb / 4P
Boot Capacitor Regulation in LM25007 Constant-On-Time (COT) Converter
logo
Texas Instruments
LM25007 TI-LM25007 Datasheet
924Kb / 19P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI1-LM25007 Datasheet
933Kb / 17P
42V, 0.5A Step-Down Switching Regulator
More results


Similar Description - LM25007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com