Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25056 Datasheet (PDF) - Texas Instruments

LM25056 Datasheet PDF - Texas Instruments
Part # LM25056
Download  LM25056 Download
File Size   484.64 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25056 System Power Measurement IC with PMBus

LM25056 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25056 Datasheet PDF - Texas Instruments

Part # LM25056
Download  LM25056 Click to download

File Size   484.64 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25056 System Power Measurement IC with PMBus

LM25056 Datasheet (HTML) - Texas Instruments


LM25056 Product details

1FEATURES
234• Input Voltage Range: 3V to 17V
• I2C/SMBus Interface with PMBus Compliant
Command Structure
• Remote Temperature Sensing with
Programmable Warning and Shutdown
Thresholds
• Real Time Monitoring of VIN, IIN, PIN, VAUX with
12-bit Resolution and 1 kHz Sampling Rate
• True Input Power Measurement Using
Simultaneous Sampling of VIN and IIN
Accurately Averages Dynamic Power Readings
• Averaging of VIN, IIN, PIN, and VAUX Over
Programmable Interval Ranging from 0.001 to
4 Seconds real•
User Programmable WARN and FAULT
Thresholds with SMBA Notification
• Black Box Capture of Telemetry
Measurements and Device Status Triggered by
WARN and FAULT Conditions
• Full Featured Application Development
Software
• WQFN-24 Package

APPLICATIONS
• Server Backplane Systems
• Base Station Power Distribution Systems
• Subsystem Power Measurement

DESCRIPTION
The LM25056 combines high performance analog
and digital technology with a PMBus™ compliant
SMBus™/I2C interface to accurately measure the
operating conditions of electrical systems including
computing and storage blades connected to a
backplane power bus. The LM25056 continuously
supplies real-time power, voltage, current, and
temperature data to the system management host via
the SMBus interface.
The LM25056 monitoring block captures both real•
time and average values of subsystem operating
parameters (VIN, IIN, PIN, VAUX) as well as peak
power. Accurate power measurement is
accomplished by measuring the product of the input voltage and current through a shunt resistor.
LM25056 current measurement has a ±1.5%
accuracy over the temperature range of -40°C to
+85°C with operation from -40°C to +125°C. A black
box (Telemetry/Fault Snapshot) function captures and
stores telemetry data and device status in the event
of a warning or a fault.




Similar Part No. - LM25056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
934Kb / 39P
System Power Measurement IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
System Power Measurement IC with PMBus?
LM25056A TI1-LM25056A Datasheet
934Kb / 39P
System Power Measurement IC
LM25056A TI2-LM25056A Datasheet
489Kb / 39P
LM25056A System Power Measurement IC with PMBus
REVISED APRIL 2013
More results


Similar Description - LM25056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
System Power Measurement IC with PMBus?
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
System Power Measurement IC with PMBus?
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
High Voltage System Power Management and Protection IC with PMBus
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
System Power Management and Protection IC With PMBus
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
System Power Measurement IC
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
System Power Measurement IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com