Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34902 Datasheet (PDF) - Texas Instruments

LM34902 Datasheet PDF - Texas Instruments
Part # LM34902
Download  LM34902 Download
File Size   438.55 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 300mA Current Limited Power Switch

LM34902 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM34902 Datasheet PDF - Texas Instruments

Part # LM34902
Download  LM34902 Click to download

File Size   438.55 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 300mA Current Limited Power Switch

LM34902 Datasheet (HTML) - Texas Instruments


LM34902 Product details

1FEATURES
2• Input Voltage of 2.8V to 5.3V
• 0.3A Maximum Switch Current
• 0.64Ω Typical Total On-Resistance
• Load Detection
• Enable/Disable
• Switch On Indicator
• Peak Current Limit
• Thermal Shutdown
• 6-Bump Thin DSBGA Package

APPLICATIONS
• Handsets, Tablets, Notebooks
• Portable devices

DESCRIPTION
The LM34902 is a 0.3A PFET switch used to control
the input voltage of electronic devices. It is easily
integrated into system designs that have a 2.8V to
5.3V voltage rail. Besides the 0.45Ω PFET switch, the
LM34902 can be enabled or disabled by a logic
signal. The IC monitors the presence of a downstream electronic device via a dedicated pin to
decide whether to turn on the PFET switch. A power
good signal generated by the IC can be used by
system control to determine the status of the switch.
The LM34902 also provides over-current and over-
temperature protection. The IC comes in a tiny 6-
bump Thin DSBGA package.




Similar Part No. - LM34902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34902 TI1-LM34902 Datasheet
306Kb / 9P
300mA Current Limited Power Switch
LM34902 TI1-LM34902 Datasheet
886Kb / 11P
300mA Current Limited Power Switch
LM34902ITM/NOPB TI1-LM34902ITM/NOPB Datasheet
306Kb / 9P
300mA Current Limited Power Switch
LM34902ITM/NOPB TI1-LM34902ITM/NOPB Datasheet
886Kb / 11P
300mA Current Limited Power Switch
LM34902ITMX/NOPB TI1-LM34902ITMX/NOPB Datasheet
306Kb / 9P
300mA Current Limited Power Switch
More results


Similar Description - LM34902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34902 TI1-LM34902 Datasheet
306Kb / 9P
300mA Current Limited Power Switch
LM34904 TI1-LM34904 Datasheet
208Kb / 9P
500mA Current Limited Power Switch
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2041B-EP TI1-TPS2041B-EP Datasheet
792Kb / 25P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2066-Q1 TI1-TPS2066-Q1 Datasheet
851Kb / 24P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCH
TPS2068-Q1 TI1-TPS2068-Q1 Datasheet
762Kb / 24P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
NXP Semiconductors
NX5P2553 PHILIPS-NX5P2553_15 Datasheet
1Mb / 24P
Precision adjustable current-limited power switch
Rev. 1-6 July 2015
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
logo
Texas Instruments
LM34902 TI1-LM34902_15 Datasheet
886Kb / 11P
300mA Current Limited Power Switch
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
Adjustable Current-Limited, Power-Distribution Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com