Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34919 Datasheet (PDF) - Texas Instruments

LM34919 Datasheet PDF - Texas Instruments
Part # LM34919
Download  LM34919 Download
File Size   599.96 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator

LM34919 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM34919 Datasheet PDF - Texas Instruments

Part # LM34919
Download  LM34919 Click to download

File Size   599.96 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator

LM34919 Datasheet (HTML) - Texas Instruments


LM34919 Product details

FEATURES
• Integrated N-Channel buck switch
• Integrated start-up regulator
• Input Voltage Range: 8V to 40V
• No loop compensation required
• Ultra-Fast transient response
• Operating frequency remains constant with
load current and input voltage
• Maximum switching frequency: 2.0 MHz
• Maximum Duty Cycle Limited During Start-Up
• Adjustable output voltage
• Valley Current Limit At 0.64A
• Precision internal reference
• Low bias current
• Highly efficient operation
• Thermal shutdown
• 10-Pin DSBGA Package

APPLICATIONS
• High Efficiency Point-Of-Load (POL) Regulator
• Non-Isolated Telecommunication Buck
Regulator
• Secondary High Voltage Post Regulator

DESCRIPTION
The LM34919 Step Down Switching Regulator features all of the functions needed to implement a low cost,
efficient, buck bias regulator capable of supplying 0.6A to the load. This buck regulator contains an N-Channel
Buck Switch, and is available in a 10-pin DSBGA package. The constant on-time feedback regulation scheme
requires no loop compensation, results in fast load transient response, and simplifies circuit implementation. The
operating frequency remains constant with line and load variations due to the inverse relationship between the
input voltage and the on-time. The valley current limit results in a smooth transition from constant voltage to
constant current mode when current limit is detected, reducing the frequency and output voltage, without the use
of foldback. Additional features include: VCC under-voltage lockout, thermal shutdown, gate drive under-voltage
lockout, and maximum duty cycle limiter.




Similar Part No. - LM34919

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
40V, 600 mA Step Down COT Switching Regulator
LM34919 NSC-LM34919 Datasheet
387Kb / 18P
Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919 Datasheet
1Mb / 21P
Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919 Datasheet
1Mb / 21P
Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
More results


Similar Description - LM34919

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
80V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
80-V 600-mA Constant On-Time Buck Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com