Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34922 Datasheet (PDF) - Texas Instruments

LM34922 Datasheet PDF - Texas Instruments
Part # LM34922
Download  LM34922 Download
File Size   682.65 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM34922 28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit

LM34922 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM34922 Datasheet PDF - Texas Instruments

Part # LM34922
Download  LM34922 Click to download

File Size   682.65 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM34922 28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit

LM34922 Datasheet (HTML) - Texas Instruments


LM34922 Product details

1FEATURES
2• Input Operating Voltage Range: 6V to 28V
• Absolute Maximum Input Rating: 30V
• Integrated 2A N-Channel Buck Switch
• Adjustable Current Limit Allows for Smaller
Inductor
• Adjustable Output Voltage from 2.51V
• Minimum Ripple Voltage at V OUT
• Power Good Output
• Switching Frequency Adjustable to 1MHz
• COT Topology Features:
– Switching Frequency Remains Nearly
Constant with Load Current and Input
Voltage Variations
– Ultra-Fast Transient Response
– No Loop Compensation Required
– Stable Operation with Ceramic Output
Capacitors lock–
Allows for Smaller Output Capacitor and
Current Sense Resistor
• Adjustable Soft-Start Timing
• Thermal Shutdown
• Precision 2% Feedback Reference

DESCRIPTION
The LM34922 Constant On-time Step-Down
Switching Regulator features all the functions needed
to implement a low cost, efficient, buck bias regulator
capable of supplying up to 2A of load current. This
voltage regulator contains an N-Channel Buck switch,
a startup regulator, current limit detection, and
internal ripple control. The constant on-time
regulation principle requires no loop compensation,
results in fast load transient response, and simplifies
circuit implementation. The operating frequency
remains constant with line and load. The adjustable
valley current limit detection results in a smooth
transition from constant voltage to constant current
mode when current limit is reached, without the use
of current limit foldback. The PGD output indicates
the output voltage has increased to within 5% of the
expected regulation value. Additional features
include: Low output ripple, VIN under-voltage lock–
out, adjustable soft-start timing, thermal shutdown,
gate drive pre-charge, gate drive under-voltage lockout,
and maximum duty cycle limit.




Similar Part No. - LM34922

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI-LM34922 Datasheet
1Mb / 19P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922MY TI1-LM34922MY Datasheet
346Kb / 17P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922MY/NOPB TI-LM34922MY/NOPB Datasheet
1Mb / 19P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922MYX TI1-LM34922MYX Datasheet
346Kb / 17P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results


Similar Description - LM34922

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com