Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3639A Datasheet (PDF) - Texas Instruments

LM3639A Datasheet PDF - Texas Instruments
Part # LM3639A
Download  LM3639A Download
File Size   576.8 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3639A Single Chip 40V Backlight 1.5A Flash LED Driver

LM3639A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3639A Datasheet PDF - Texas Instruments

Part # LM3639A
Download  LM3639A Click to download

File Size   576.8 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3639A Single Chip 40V Backlight 1.5A Flash LED Driver

LM3639A Datasheet (HTML) - Texas Instruments


LM3639A Product details

1FEATURES
2• Single Chip White LED Flash and Backlight
Driver
• 1.5A Flash LED Current
• Dual String Backlight Control (40V Max VOUT)
• 128 Level Exponential and Linear Brightness
Control
• PWM Input for CABC
• Programmable Over-Voltage Protection
(Backlight)
• Programmable Current Limit (Flash)
• Programmable Switching Frequency
• Optimized Flash Current During Low-Battery
Conditions

APPLICATIONS
• White LED Backlit Display Power
• White LED Camera Flash Power

DESCRIPTION
The LM3639A is a single-chip white LED Camera
Flash Driver + LCD Display Backlight Driver. The lowvoltage,
high-current flash LED driver is a
synchronous boost which provides the power for a
single flash LED at up to 1.5A or dual LEDs at up to
750 mA each. The high-voltage backlight driver is a
dual-output asynchronous boost which powers dual
LED strings at up to 40V and 30 mA per string. An
adaptive regulation method in both boost converters
regulates the headroom voltage across the respective
source/sink to ensure the LED current remains in
regulation while maximizing efficiency. The
LM3639A's flash driver is a 2MHz or 4MHz fixed-
frequency synchronous boost converter plus 1.5A
constant current driver for a high-current white LED.
The high-side current source allows for grounded
cathode LED operation providing Flash current up to
1.5A. An adaptive regulation method ensures the
current source remains in regulation and maximizes
efficiency.
The device is controlled by an I2C-compatible
interface. Features for the flash LED driver include a
hardware flash enable (STROBE) allowing a logic
input to trigger the flash pulse, and a TX input for
synchronization to RF power amplifier events or other
high current conditions. Features for the LCD
backlight driver include a PWM input for content
adjustable backlight control, 128 exponential or linear
brightness levels, programmable over-voltage
protection, and selectable switching frequency (500
kHz or 1 MHz).
The device is available in a tiny 1.790 mm x 2.165
mm x 0.6 mm 20-bump, 0.4 mm pitch DSBGA
package and operates over the −40°C to +85°C
temperature range.




Similar Part No. - LM3639A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
Single Chip 40V Backlight 1.5A Flash LED Driver
LM3639AYFQR TI-LM3639AYFQR Datasheet
518Kb / 28P
Single Chip 40V Backlight 1.5A Flash LED Driver
LM3639AYFQT TI-LM3639AYFQT Datasheet
518Kb / 28P
Single Chip 40V Backlight 1.5A Flash LED Driver
More results


Similar Description - LM3639A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Skyworks Solutions Inc.
AAT1274 SKYWORKS-AAT1274 Datasheet
2Mb / 17P
1.5A Single Flash LED Driver IC
logo
Texas Instruments
LM3632A TI1-LM3632A Datasheet
2Mb / 64P
Single-Chip Backlight With Bias Power and 1.5-A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
Diodes Incorporated
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 1
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
40V 1.5A BUCK LED DRIVER
Rev 3
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
High Efficiency, 1.5A Flash LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com