Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3642 Datasheet (PDF) - Texas Instruments

LM3642 Datasheet PDF - Texas Instruments
Part # LM3642
Download  LM3642 Download
File Size   530.01 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source

LM3642 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3642 Datasheet PDF - Texas Instruments

Part # LM3642
Download  LM3642 Click to download

File Size   530.01 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source

LM3642 Datasheet (HTML) - Texas Instruments


LM3642 Product details

1 Features
1• 1.5-A High-Side Current Source for Single LED
• > 85% Efficiency in Torch Mode (at 100 mA) and
Flash Mode (at 1 A to 1.5 A)
• Accurate Programmable Flash LED Current from
93 mA to 1.5 A
• Accurate Programmable Torch LED Currents:
– 48.4 mA to 375 mA
– 24 mA to 187 mA (LT option)
• Small Solution Size: < 20 mm2
• Soft-Start Operation for Battery Protection
• Hardware Strobe Enable
• Synchronization Input for RF Power Amplifier
Pulse Events
• V IN Flash Monitor Optimization
• 400-kHz I2C-Compatible Interface
• 0.5-mm Pitch, 9-Bump DSBGA

2 Applications
Camera Phone LED Flash

3 Description
The LM3642 is a 4-MHz fixed-frequency synchronous
boost converter plus 1.5-A constant current driver for a high-current white LED. The high-side current
source allows for grounded cathode LED operation
providing Flash current up to 1.5 A. An adaptive
regulation method ensures the current source
remains in regulation and maximizes efficiency.
The LM3642 is controlled via an I2C-compatible
interface. Features include a hardware flash enable (STROBE) allowing a logic input to trigger the flash
pulse as well as a TX input which forces the flash
pulse into a low-current Torch Mode, allowing for
synchronization to RF power amplifier events or other
high-current conditions.
The 4-MHz switching frequency, overvoltage
protection and adjustable current limit settings allow
the use of tiny, low-profile inductors and (10-μF)
ceramic capacitors. The device is available in a small
9-bump DSBGA package and operates over the
−40°C to 85°C temperature range.




Similar Part No. - LM3642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
LM3642TLE-LT/NOPB TI1-LM3642TLE-LT/NOPB Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
LM3642TLE/NOPB TI1-LM3642TLE/NOPB Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
More results


Similar Description - LM3642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com