Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3630ATME.B Datasheet (PDF) - Texas Instruments

LM3630ATME.B Datasheet PDF - Texas Instruments
Part # LM3630ATME.B
Download  LM3630ATME.B Download
File Size   691.89 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3630A High-Efficiency Dual-String White LED Driver

LM3630ATME.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3630ATME.B Datasheet PDF - Texas Instruments

Part # LM3630ATME.B
Download  LM3630ATME.B Click to download

File Size   691.89 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3630A High-Efficiency Dual-String White LED Driver

LM3630ATME.B Datasheet (HTML) - Texas Instruments


LM3630ATME.B Product details

1 Features
1• Drives up to 2 Strings of 10 Series LEDs
• Wide 2.3-V to 5.5-V Input Voltage Range
• Up to 87% Efficient
• 8-bit I2C-Compatible Programmable Exponential
or Linear Brightness Control
• PWM Brightness Control for CABC Operation
• Independent Current Control per String
• True Shutdown Isolation for LEDs
• Internal Soft-Start Limits Inrush Current
• Adaptive Headroom
• Programmable 16-V/24-V/32-V/40-V Overvoltage
Protection
• Selectable Boost Frequency of 500 kHz or 1 MHz
with Optionally Additional Offset
• Low Profile 12-Pin DSBGA Package
• Solution Size 32 mm²

2 Applications
• Smart-Phone LCD Backlighting
• LCD and Keypad Lighting

3 Description
The LM3630A is a current-mode boost converter
which supplies the power and controls the current in up to two strings of 10 LEDs per string. Programming
is done over an I2C-compatible interface. The
maximum LED current is adjustable from 5 mA to
28.5 mA. At any given maximum LED current the
LED brightness is further adjusted with 256 exponential or linear dimming steps. Additionally,
pulsed width modulation (PWM) brightness control
can be enabled allowing for LED current adjustment
by a logic level PWM signal.
The boost switching frequency is programmable at
500 kHz for low switching loss performance or 1 MHz
to allow the use of tiny low-profile inductors. A setting for a 10% offset of these frequencies is available.
Overvoltage protection is programmable at 16 V,
24 V, 32 V, or 40 V to accommodate a wide variety of
LED configurations and Schottky diode/output
capacitor combinations.
The device operates over a 2.3-V to 5.5-V operating
voltage range and –40°C to +85°C ambient
temperature range. The LM3630A is available in an ultra-small 12-bump DSBGA package.




Similar Part No. - LM3630ATME.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
High-Efficiency Dual-String White LED Driver
More results


Similar Description - LM3630ATME.B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
LM3630A High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
Highly Efficient Dual-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
High-Efficiency Three-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com