Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4431 Datasheet (PDF) - Texas Instruments

LM4431 Datasheet PDF - Texas Instruments
Part # LM4431
Download  LM4431 Download
File Size   523.99 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4431 Micropower Shunt Voltage Reference

LM4431 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4431 Datasheet PDF - Texas Instruments

Part # LM4431
Download  LM4431 Click to download

File Size   523.99 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4431 Micropower Shunt Voltage Reference

LM4431 Datasheet (HTML) - Texas Instruments


LM4431 Product details

1FEATURES
2• Small Package: SOT-23
• No Output Capacitor Required
• Tolerates Capacitive Loads
• Fixed Reverse Breakdown Voltage of 2.50V

APPLICATIONS
• Portable, Battery-Powered Equipment
• Data Acquisition Systems
• Instrumentation
• Process Control
• Energy Management
• Product Testing
• Power Supplies

KEY SPECIFICATIONS
• Output Voltage Tolerance: 25°C: ±2.0% (Max)
• Low Output Noise (10 Hz to 10 kHz): 35 μVrms
(Typ)
• Wide Operating Current Range: 100 μA to 15
mA
• Commercial Temperature Range: 0 to +70 °C
• Low Temperature Coefficient: 30 ppm/°C (Typ)

DESCRIPTION
Ideal for space critical applications, the LM4431
voltage reference is available in the sub-miniature
(3 mm x 1.3 mm) SOT-23 surface-mount package.
The LM4431's advanced design eliminates the need
for an external stabilizing capacitor while ensuring
stability with any capacitive load, thus making the
LM4431 easy to use. The operating current range is
100 μA to 15 mA.
The LM4431 utilizes fuse and zener-zap reverse
breakdown voltage trim during wafer sort to ensure
that the parts have an accuracy of better than ±2.0%
at 25°C. Bandgap reference temperature drift
curvature correction and low dynamic impedance ensure stable reverse breakdown voltage accuracy
over a wide range of operating temperatures and
currents.




Similar Part No. - LM4431

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4431 TI-LM4431 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4431M3-2.5 NSC-LM4431M3-2.5 Datasheet
130Kb / 8P
Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4431M3-2.5 TI-LM4431M3-2.5 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
LM4431M3-2.5/NOPB TI-LM4431M3-2.5/NOPB Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results


Similar Description - LM4431

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
Micropower Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS124 ADMOS-AMS124 Datasheet
34Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255 Datasheet
36Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255_05 Datasheet
83Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS124 ADMOS-AMS124_05 Datasheet
79Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com