Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48411 Datasheet (PDF) - Texas Instruments

LM48411 Datasheet PDF - Texas Instruments
Part # LM48411
Download  LM48411 Download
File Size   428.19 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S

LM48411 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48411 Datasheet PDF - Texas Instruments

Part # LM48411
Download  LM48411 Click to download

File Size   428.19 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S

LM48411 Datasheet (HTML) - Texas Instruments


LM48411 Product details

1FEATURES
2• E2S System Reduces EMI Preserving Audio
Quality and Efficiency
• Output Short Circuit Protection
• Stereo Class D Operation
• No Output Filter Required for Inductive Loads
• Logic Selectable Gain
• Independent Shutdown Control
• Minimum External Components
• "Click and Pop" Suppression Circuitry
• Micro-Power Shutdown Mode
• Available in Space-Saving 0.5mm Pitch
DSBGA Package

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronic Devices

KEY SPECIFICATIONS
• Efficiency at 3.6V, 500mW into 8Ω Speaker:
87% (typ)
• Efficiency at 3.6V, 100mW into 8Ω Speaker:
80% (typ)
• Efficiency at 5V, 1W into 8Ω Speaker:
88% (typ)
• Quiescent Current, 3.6V Supply: 4.2mA (typ)
• Power Output at VDD = 5V RL = 4Ω, THD ≤ 10%:
2.5W (typ)
• Power Output at VDD = 5V RL = 8Ω, THD ≤ 10%:
1.5W (typ)
• Total Shutdown Power Supply Current:
0.01μA (typ)
• Single Supply Range: 2.4V to 5.5V

DESCRIPTION
The LM48411 is a single supply, high efficiency,
2.5W/channel Class D audio amplifier. The LM48411
features TI's Enhanced Emissions Suppression (E2S)
system, that features a unique patent-pending ultra
low EMI, spread spectrum, PWM architecture, that
significantly reduces RF emissions while preserving
audio quality and efficiency. The E2S system
improves battery life, reduces external component
count, board area consumption, system cost, and
simplifying design.
The LM48411 is designed to meet the demands of
mobile phones and other portable communication
devices. Operating on a single 5V supply, it is
capable of delivering 2.5W/channel of continuous
output power to a 4Ω load with less than 10%
THD+N. Its flexible power supply requirements allow
operation from 2.4V to 5.5V. The wide band spread
spectrum architecture of the LM48411 reduces EMIradiated
emissions due to the modulator frequency.
The LM48411 features high efficiency compared to a
conventional Class AB amplifier. The E2S system
includes an advanced, patent-pending edge rate control (ERC) architecture that further reduce
emissions by minimizing the high frequency
component of the device output, while maintaining
high quality audio reproduction and high efficiency (η
= 87% at VDD = 3.6V, PO = 500mW). Four gain
options are pin selectable through GAIN0 and GAIN1
pins.
The LM48411 features a low-power consumption
shutdown mode. Shutdown may be enabled by
driving the Shutdown pin to a logic low (GND).
Output short circuit protection prevents the device
from being damaged during fault conditions. Superior
click and pop suppression eliminates audible
transients on power up/down and during shutdown.
Independent left/right shutdown control maximizes
power savings in mixed mono/stereo applications.




Similar Part No. - LM48411

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411 Datasheet
443Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 23P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
National Semiconductor ...
LM48411TL NSC-LM48411TL Datasheet
407Kb / 18P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
More results


Similar Description - LM48411

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411_08 Datasheet
443Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM48411 TI1-LM48411_14 Datasheet
875Kb / 23P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com