Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48520 Datasheet (PDF) - Texas Instruments

LM48520 Datasheet PDF - Texas Instruments
Part # LM48520
Download  LM48520 Download
File Size   354.93 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48520 Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum

LM48520 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48520 Datasheet PDF - Texas Instruments

Part # LM48520
Download  LM48520 Click to download

File Size   354.93 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48520 Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum

LM48520 Datasheet (HTML) - Texas Instruments


LM48520 Product details

FEATURES
• Click and Pop Suppression
• Low 0.04μA Shutdown Current
• 78% Efficiency
• Filterless Class D
• 2.7V - 5.0V Operation
• 4 Adjustable Gain Settings
• Adjustable Output Swing Limiter with Soft
Clipping
• Speaker Protection
• Short Circuit Protection on Audio Amps
• Independent Boost and Amplifier Shutdown

APPLICATIONS
• Mobile Phones
• PDAs
• Portable media
• Cameras
• Handheld games

KEY SPECIFICATIONS
• Quiescent Power Supply Current: 11.5 mA(typ)
• Output Power (RL = 8Ω, THD+N ≤ 1%,
VDD = 3.3V,PV1 = 5.0V): 1.1 W(typ)
• Shutdown Current: 0.04 μA(typ)

DESCRIPTION
The LM48520 integrates a boost converter with a
high efficiency Class D stereo audio power amplifier
to provide up to 1W/ch continuous power into an 8Ω
speaker when operating from 2.7V to 5.0V power
supply with boost voltage (PV1) of 5.0V. The
LM48520 utilizes a proprietary spread spectrum pulse width modulation technique that lowers RF
interference and EMI levels. The Class D amplifier is
a low noise, filterless PWM architecture that
eliminates the output filter, reducing external
component count, board area, power consumption, system cost, and simplifying design.
The LM48520 is designed for use in mobile phones
and other portable communication devices. The high
(78%) efficiency extends battery life when compared
to Boosted Class AB amplifiers. The LM48520
features a low-power consumption shutdown mode.
Shutdown may be enabled by driving the Shutdown
pin to a logic low (GND). Also, external leakage is
minimized via control of the ground reference via the
SW-OUT pin .
The LM48520 has 4 gain options which are pin
selectable via Gain0 and Gain1 pins. Output short
circuit prevents the device from damage during fault
conditions. Superior click and pop suppression
eliminates audible transients during power-up and
shutdown.




Similar Part No. - LM48520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520 TI1-LM48520 Datasheet
805Kb / 20P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
Boosted Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM48520TL NSC-LM48520TL Datasheet
359Kb / 18P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520TL/NOPB TI1-LM48520TL/NOPB Datasheet
803Kb / 20P
Boosted Stereo Class D Audio Power Amplifier
More results


Similar Description - LM48520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Eutech Microelectronics...
EUA2310 EUTECH-EUA2310 Datasheet
103Kb / 1P
15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313 EUTECH-EUA2313 Datasheet
103Kb / 1P
6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM48520 TI1-LM48520_14 Datasheet
805Kb / 20P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
Boosted Stereo Class D Audio Power Amplifier
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Eutech Microelectronics...
EUA2310B EUTECH-EUA2310B Datasheet
1Mb / 1P
15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313B EUTECH-EUA2313B Datasheet
99Kb / 1P
6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
logo
NXP Semiconductors
TFA9895 NXP-TFA9895 Datasheet
311Kb / 21P
Boosted class-D audio amplifier with speaker boost protection and multiband dynamic range compressor
Rev. 1-23 October 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com