Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48560 Datasheet (PDF) - Texas Instruments

LM48560 Datasheet PDF - Texas Instruments
Part # LM48560
Download  LM48560 Download
File Size   596.44 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control

LM48560 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48560 Datasheet PDF - Texas Instruments

Part # LM48560
Download  LM48560 Click to download

File Size   596.44 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control

LM48560 Datasheet (HTML) - Texas Instruments


LM48560 Product details

1 Features
1• Class H Topology
• Integrated Boost Converter
• Bridge-Tied Load (BTL) Output
• Selectable Differential Inputs
• Selectable Control Interfaces
– (Hardware or Software mode)
• I2C Programmable ALC
• Low Supply Current
• Minimum External Components
• Micro-Power Shutdown
• Available in Space-Saving DSBGA Package
• Key Specifications:
– Output Voltage at VDD = 3.6 V,
RL = 1.5 μF + 10 Ω, THD+N ≤ 1%
– 30 VP-P (Typical)
– Quiescent Power Supply Current
at 3.6 V (ALC Enabled)
– 4 mA (Typical)
– Power Dissipation at 25 VP-P, 1 W (Typical)
– Shutdown Current, 0.1 μA (Typical)

2 Applications
• Touch Screen Smart Phones
• Tablet PCs
• Portable Electronic Devices
• MP3 Players

3 Description
The LM48560 device is a high voltage, high
efficiency, Class H driver for ceramic speakers and piezo actuators. The LM48560 device’s Class H
architecture offers significant power savings
compared to traditional Class AB amplifiers. The
device provides 30 VP-P output drive while consuming just 4 mA of quiescent current from a 3.6 V supply.
The LM48560 device features TI’s unique automatic level control (ALC) that provides output limiter
functionality. The LM48560 device features two fully
differential inputs with separate gain settings, and a
selectable control interface. In software control mode,
the gain control and device modes are configured
through the I2C interface. In hardware control mode,
the gain and input mux are configured through a pair
of logic inputs.
The LM48560 device has a low power shutdown
mode that reduces quiescent current consumption to
0.1 μA. The LM48560 device is available in an ultra-
small 16–bump DSBGA package (1.97 mm × 1.97 mm).




Similar Part No. - LM48560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560 TI1-LM48560 Datasheet
2Mb / 26P
Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM48560 TI1-LM48560 Datasheet
1Mb / 27P
Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
LM48560TL TI1-LM48560TL Datasheet
2Mb / 28P
High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560TL/NOPB TI1-LM48560TL/NOPB Datasheet
1Mb / 27P
Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
More results


Similar Description - LM48560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM48560 TI1-LM48560_15 Datasheet
1Mb / 27P
Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
logo
Fangtek Ltd.
FT2045 FANGTEK-FT2045 Datasheet
1Mb / 22P
3W Class-D Audio Power Amplifier with Automatic Level Control
FT2128 FANGTEK-FT2128 Datasheet
1Mb / 23P
3.4W Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
FT2925 FANGTEK-FT2925 Datasheet
1Mb / 27P
2x6W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
logo
SG Micro Corp
SGM4700 SGMICRO-SGM4700 Datasheet
1Mb / 33P
High-Power Stereo Class-D Audio Power Amplifier with Adjustable Power Limit and Automatic Level Control
DECEMBER 2022 - REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com