Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4860 Datasheet (PDF) - Texas Instruments

LM4860 Datasheet PDF - Texas Instruments
Part # LM4860
Download  LM4860 Download
File Size   567.41 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4860 Series 1W Audio Power Amplifier with Shutdown Mode

LM4860 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4860 Datasheet PDF - Texas Instruments

Part # LM4860
Download  LM4860 Click to download

File Size   567.41 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4860 Series 1W Audio Power Amplifier with Shutdown Mode

LM4860 Datasheet (HTML) - Texas Instruments


LM4860 Product details

1FEATURES
2• No Output Coupling Capacitors, Bootstrap
Capacitors, or Snubber Circuits are Necessary
• Small Outline (SO) Packaging
• Compatible with PC Power Supplies
• Thermal Shutdown Protection Circuitry
• Unity-Gain Stable
• External Gain Configuration Capability
• Two Headphone Control Inputs and
Headphone Sensing Output

APPLICATIONS
• Personal Computers
• Portable Consumer Products
• Cellular Phones
• Self-Powered Speakers
• Toys and Games

KEY SPECIFICATIONS
• THD+N at 1W Continuous Average
• Output Power into 8Ω: 1% (Max)
• Instantaneous Peak Output Power: > 2 W
• Shutdown Current: 0.6 μA (typ)

DESCRIPTION
The LM4860 is a bridge-connected audio power
amplifier capable of delivering 1W of continuous
average power to an 8Ω load with less than 1%
THD+N over the audio spectrum from a 5V power
supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components using
surface mount packaging. Since the LM4860 does
not require output coupling capacitors, bootstrap
capacitors or snubber networks, it is optimally suited
for low-power portable systems.
The LM4860 features an externally controlled, low-
power consumption shutdown mode, as well as an
internal thermal shutdown protection mechanism. It
also includes two headphone control inputs and a headphone sense output for external monitoring.
The unity-gain stable LM4860 can be configured by
external gain setting resistors for differential gains of
up to 10 without the use of external compensation
components. Higher gains may be achieved with
suitable compensation.




Similar Part No. - LM4860

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
LM4860 NSC-LM4860 Datasheet
323Kb / 11P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4860 TI-LM4860 Datasheet
1,004Kb / 20P
No Output Coupling Capacitors, Bootstrap Capacitors, or Snubber Circuits are Necessary, Small Outline (SO) Packaging
logo
National Semiconductor ...
LM4860M NSC-LM4860M Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4860M TI1-LM4860M Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
More results


Similar Description - LM4860

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
Series 1W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com