Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4862 Datasheet (PDF) - Texas Instruments

LM4862 Datasheet PDF - Texas Instruments
Part # LM4862
Download  LM4862 Download
File Size   665.72 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4862 675 mW Audio Power Amplifier with Shutdown Mode

LM4862 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4862 Datasheet PDF - Texas Instruments

Part # LM4862
Download  LM4862 Click to download

File Size   665.72 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4862 675 mW Audio Power Amplifier with Shutdown Mode

LM4862 Datasheet (HTML) - Texas Instruments


LM4862 Product details

1FEATURES
2• No Output Coupling Capacitors, Bootstrap
Capacitors or Snubber Circuits are Necessary
• Small Outline or PDIP Packaging
• Unity-Gain Stable
• External Gain Configuration Capability
• Pin Compatible with LM4861

APPLICATIONS
• Portable Computers
• Cellular Phones
• Toys and Games

KEY SPECIFICATIONS
• THD+N for 500mW Continuous Average
Output Power at 1kHz into 8Ω 1% (max)
• Output Power at 10% THD+N at 1kHz into 8Ω
825 mW (typ)
• Shutdown Current 0.7μA (typ)

DESCRIPTION
The LM4862 is a bridge-connected audio power
amplifier capable of delivering typically 675mW of
continuous average power to an 8Ω load with 1%
THD+N from a 5V power supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. Since the
LM4862 does not require output coupling capacitors,
bootstrap capacitors, or snubber networks, it is
optimally suited for low-power portable systems.
The LM4862 features an externally controlled, lowpower
consumption shutdown mode, as well as an
internal thermal shutdown protection mechanism.
The unity-gain stable LM4862 can be configured by
external gain-setting resistors.




Similar Part No. - LM4862

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
675 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4862 TI-LM4862 Datasheet
939Kb / 18P
LM4862 675 mW Audio Power Amplifier with Shutdown
LM4862 TI-LM4862 Datasheet
936Kb / 18P
675 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862G-D08-T UTC-LM4862G-D08-T Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Similar Description - LM4862

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
675 mW Audio Power Amplifier with Shutdown Mode
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
300 mW Audio Power Amplifier with Shutdown Mode
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4862M TI-LM4862M Datasheet
939Kb / 18P
LM4862 675 mW Audio Power Amplifier with Shutdown
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4862 TI-LM4862_15 Datasheet
936Kb / 18P
675 mW Audio Power Amplifier with Shutdown Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com