Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48820 Datasheet (PDF) - Texas Instruments

LM48820 Datasheet PDF - Texas Instruments
Part # LM48820
Download  LM48820 Download
File Size   547.32 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48820 Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier

LM48820 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48820 Datasheet PDF - Texas Instruments

Part # LM48820
Download  LM48820 Click to download

File Size   547.32 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48820 Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier

LM48820 Datasheet (HTML) - Texas Instruments


LM48820 Product details

1FEATURES
2• Available in Space Saving 0.4mm Pitch
DSBGA Package
• Fixed Logic Levels
• Ground Referenced Outputs
• High PSRR
• Ultra Low Current Shutdown Mode
• Improved Pop and Click Circuitry Eliminates
Noises During Turn-On and Turn-Off outputTransitions
• No Output Coupling Capacitors, Snubber
Networks, Bootstrap Capacitors, or Gain-
Setting Resistors Required
• Shutdown Either Channel Independently
• Soft Start Feature Reduces Start up Transient
Current

APPLICATIONS
• Mobile Phones
• MP3 Players
• PDAs
• Portable electronic devices
• Notebook PCs

KEY SPECIFICATIONS
• Improved PSRR at 217Hz: 80dB (typ)
• Power Output at VDD = 3V, RL = 16Ω, THD+N =
1%: 95mW (typ)
• Shutdown Current: 0.05μA (typ)
• Internal Fixed Gain: 1.5V/V (typ)
• Wide Operating Voltage Range: 1.6V to 4.5V

DESCRIPTION
The LM48820 is a ground referenced, fixed-gain
audio power amplifier capable of delivering 95mW of
continuous average power into a 16Ω single-ended
load, with less than 1% THD+N from a 3V power
supply.
The LM48820 features a new circuit technology that
utilizes a charge pump to generate a negative
reference voltage. This allows the outputs to be
biased about ground, thereby eliminating outputTransitions
coupling capacitors typically used with normal single- ended loads.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a minimal number of external components. The
LM48820 does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other portable applications.
The LM48820 features a low-power consumption
shutdown mode selectable for each channel and a
soft start function that reduces start-up current
transients. Additionally, the LM48820 features an
internal thermal shutdown protection mechanism.
The LM48820 contains advanced pop and click
circuitry that eliminates noises which would otherwise
occur during turn-on and turn-off transitions.
The LM48820 has an internal fixed gain of 1.5V/V.




Similar Part No. - LM48820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820TM/NOPB TI1-LM48820TM/NOPB Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820TMX/NOPB TI1-LM48820TMX/NOPB Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
More results


Similar Description - LM48820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com