Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3722 Datasheet (PDF) - Texas Instruments

LM3722 Datasheet PDF - Texas Instruments
Part # LM3722
Download  LM3722 Download
File Size   647.7 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits

LM3722 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3722 Datasheet PDF - Texas Instruments

Part # LM3722
Download  LM3722 Click to download

File Size   647.7 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits

LM3722 Datasheet (HTML) - Texas Instruments


LM3722 Product details

1FEATURES
2• Precise Monitoring of 2.5V, 3.3V, and 5V
Supply Voltages
• Fully Specified Over Temperature
– Industrial: −40°C to +85°C
– Extended: −40°C to +125°C
• 100 ms Minimum Power-On Reset pulse Width, factory190
ms Typical:
– Active-Low RESET Output (LM3722)
– Active-High RESET Output (LM3723)
– Active-Low RESET Open Drain Output
(LM3724)
• Guaranteed RESET Output Valid for VCC ≥ 1V
• Low Supply Current, 6μA Typical
• Power Supply Transient Immunity
• Compatible with MAX811/812 Applications

APPLICATIONS
• Microprocessor Systems
• Computers
• Controllers
• Intelligent Instruments
• Portable/Battery-Powered Equipment

DESCRIPTION
The LM3722/LM3723/LM3724 microprocessor
supervisory circuits monitor the power supplies in
microprocessor and digital systems. They provide a
reset to the microprocessor during power-up, power-
down, brown-out conditions, and manual reset.
The LM3722/LM3723/LM3724 asserts a reset signal
whenever the supply decreases below the factory190
programmed reset threshold. Reset will be asserted
for at least 100ms even after VCC rises above the
reset threshold.
The LM3722 has an active-low RESET push-pull output. The LM3723 has an active-high RESET push-
pull output. The LM3724 has an active-low open-drain
RESET output.
Three standard reset voltage options are available,
suitable for monitoring 5V, 3.3V, and 2.5V supply
voltages. Additional reset voltages are also available;
contact Texas Instruments for details.
With a low supply current of only 6μA, the
LM3722/LM3723/LM3724 are ideal for use in portable
equipment. The LM3722/LM3723/LM3724 are
available in the 5-pin SOT-23 package.




Similar Part No. - LM3722

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
5-Pin Microprocessor Reset Circuits
logo
Texas Instruments
LM3722 TI1-LM3722 Datasheet
987Kb / 19P
LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits
logo
National Semiconductor ...
LM3722EM5-2.32 NSC-LM3722EM5-2.32 Datasheet
219Kb / 12P
5-Pin Microprocessor Reset Circuits
LM3722EM5-3.08 NSC-LM3722EM5-3.08 Datasheet
219Kb / 12P
5-Pin Microprocessor Reset Circuits
LM3722EM5-4.63 NSC-LM3722EM5-4.63 Datasheet
219Kb / 12P
5-Pin Microprocessor Reset Circuits
More results


Similar Description - LM3722

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
5-Pin Microprocessor Reset Circuits
logo
Anachip Corp
AP1701 ANACHIP-AP1701 Datasheet
165Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev.1.0 May. 7, 2004
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Diodes Incorporated
APX809 DIODES-APX809 Datasheet
174Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
Texas Instruments
LM3722 TI1-LM3722 Datasheet
987Kb / 19P
LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com