Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4915 Datasheet (PDF) - Texas Instruments

LM4915 Datasheet PDF - Texas Instruments
Part # LM4915
Download  LM4915 Download
File Size   437.89 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4915 Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain

LM4915 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4915 Datasheet PDF - Texas Instruments

Part # LM4915
Download  LM4915 Click to download

File Size   437.89 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4915 Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain

LM4915 Datasheet (HTML) - Texas Instruments


LM4915 Product details

FEATURES
• Pseudo-Differential Amplification
• Internal Gain-Setting Resistors
• Available in Space-Saving WQFN Package
• Ultra Low Current Shutdown Mode
• Can Drive Capacitive Loads up to 500pF
• Improved Pop & Click Circuitry Virtually
Eliminates Noises During Turn-On and Turn-
Off Transitions
• 2.2 - 5.5V Operation
• No Output Coupling Capacitors, Snubber
Networks, Bootstrap Capacitors or Gain-
Setting Resistors Required
• Ultra Low Noise

KEY SPECIFICATIONS
• Improved PSRR at 217Hz and 1kHz: 75dB (Typ)
• Power Output at 5.0V & 1% THD into 32Ω:
280mW (Typ)
• Power Output at 3.0V & 1% THD into 32Ω:
90mW (Typ)
• Output Noise, A-weighted: 20μV (Typ)

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronics Devices

DESCRIPTION
The LM4915 is a pseudo-differential audio power
amplifier primarily designed for demanding
applications in mobile phones and other portable
audio device applications with mono headphones. It
is capable of delivering 90 miliwatts of continuous
average power to a 32Ω BTL load with less than 1% distortion (THD+N) from a 3VDC power supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The
LM4915 does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
where minimal power consumption is a primary
requirement.
The LM4915 features a low-power consumption
shutdown mode. To facilitate this, Shutdown may be
enabled by driving the shutdown pin low. Additionally,
the LM4915 features an internal thermal shutdown
protection mechanism.
The LM4915 contains advanced pop & click circuitry
which virtually eliminates noises which would
otherwise occur during turn-on and turn-off
transitions.
The LM4915 has an internally fixed gain of 6dB.




Similar Part No. - LM4915

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4915 NSC-LM4915 Datasheet
516Kb / 11P
Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain
logo
Texas Instruments
LM4915 TI1-LM4915 Datasheet
884Kb / 18P
Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
More results


Similar Description - LM4915

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4915 NSC-LM4915 Datasheet
516Kb / 11P
Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain
logo
Maxim Integrated Produc...
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX9820 MAXIM-MAX9820 Datasheet
1Mb / 13P
DirectDrive Headphone Amplifier with External Gain
Rev 0; 7/09
logo
Texas Instruments
TPA6139A2 TI1-TPA6139A2 Datasheet
825Kb / 22P
DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
LM4915 TI1-LM4915 Datasheet
884Kb / 18P
Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain
logo
Maxim Integrated Produc...
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com