Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4923 Datasheet (PDF) - Texas Instruments

LM4923 Datasheet PDF - Texas Instruments
Part # LM4923
Download  LM4923 Download
File Size   572.28 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4923 1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select

LM4923 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4923 Datasheet PDF - Texas Instruments

Part # LM4923
Download  LM4923 Click to download

File Size   572.28 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4923 1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select

LM4923 Datasheet (HTML) - Texas Instruments


LM4923 Product details

1FEATURES
2• Fully Differential Amplification
• Available in Space-saving WQFN Package
• Ultra Low Current Shutdown Mode
• Can Drive Capacitive Loads up to 100pF
• Improved Pop & Click Circuitry Eliminates
Noises During Turn-on and Turn-off
Transitions
• 2.4 - 5.5V Operation
• No Output Coupling Capacitors, Snubber
Networks or Bootstrap Capacitors Required

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronic Devices

KEY SPECIFICATIONS
• Improved PSRR at 217Hz 85dB(typ)
• Power Output at 5.0V @ 1% THD+N 1.1W(typ)
• Power Output at 3.3V @ 1% THD+N
400mW(typ)
• Shutdown Current 0.1μA(typ)

DESCRIPTION
The LM4923 is a fully differential audio power
amplifier primarily designed for demanding
applications in mobile phones and other portable
communication device applications. It is capable of
delivering 1.1 watt of continuous average power to an
8Ω BTL load with less than 1% distortion (THD+N) from a 5VDC power supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The
LM4923 does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
where minimal power consumption is a primary
requirement.
The LM4923 features a low-power consumption
shutdown mode. To facilitate this, Shutdown may be
enabled by logic low. Additionally, the LM4923
features an internal thermal shutdown protection
mechanism.
The LM4923 contains advanced pop & click circuitry
which eliminates noises which would otherwise occur
during turn-on and turn-off transitions.




Similar Part No. - LM4923

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923 Datasheet
947Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4923LQ NSC-LM4923LQ Datasheet
433Kb / 12P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Similar Description - LM4923

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com