Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4941 Datasheet (PDF) - Texas Instruments

LM4941 Datasheet PDF - Texas Instruments
Part # LM4941
Download  LM4941 Download
File Size   635.92 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4941 1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown

LM4941 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4941 Datasheet PDF - Texas Instruments

Part # LM4941
Download  LM4941 Click to download

File Size   635.92 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4941 1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown

LM4941 Datasheet (HTML) - Texas Instruments


LM4941 Product details

1FEATURES
2• Improved RF Suppression, By Up to 20dB
Over Previous Designs in Selected
Applications
• Fully Differential Amplification
• Available in Space-Saving DSBGA Package
• Ultra Low Current Shutdown Mode
• Can Drive Capacitive Loads up to 100pF
• Improved Pop & Click Circuitry Eliminates
Noises During Turn-On and Turn-Off
Transitions
• 2.4 - 5.5V Operation
• No Output Coupling Capacitors, Snubber
Networks or Bootstrap Capacitors Required

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronic Devices

KEY SPECIFICATIONS
• Improved PSRR at 217Hz 95dB (typ)
• Power Output, VDD = 5.0V, RL = 8Ω, 1% THD+N
1.25W (typ)
• Power Output, VDD = 3.0V, RL = 8Ω, 1% THD+N
430mW (typ)
• Shutdown Current 0.1μA (typ)

DESCRIPTION
The LM4941 is a fully differential audio power
amplifier primarily designed for demanding
applications in mobile phones and other portable
communication device applications. It is capable of
delivering 1.25 watts of continuous average power to
a 8Ω load with less than 1% distortion (THD+N) from
a 5VDC power supply. The LM4941 does not require
output coupling capacitors or bootstrap capacitors,
and therefore is ideally suited for mobile phone and
other small form factor applications where minimal
PCB space is a primary requirement.
The LM4941 also features proprietary internal
circuitry that suppresses the coupling of RF signals
into the chip. This is important because certain types
of RF signals (such as GSM) can couple into audio
amplifiers in such a way that part of the signal is
heard through the speaker. The RF suppression circuitry in the LM4941 makes it well-suited for
portable applications in which strong RF signals
generated by an antenna from or a cellular phone or
other portable electronic device may couple audibly
into the amplifier.
Other features include a low-power consumption
shutdown mode, internal thermal shutdown
protection, and advanced pop & click circuitry.




Similar Part No. - LM4941

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941 Datasheet
965Kb / 23P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941SD/NOPB TI1-LM4941SD/NOPB Datasheet
974Kb / 21P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941SDBD TI1-LM4941SDBD Datasheet
965Kb / 23P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
More results


Similar Description - LM4941

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4928 NSC-LM4928 Datasheet
1,004Kb / 20P
1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4928 TI1-LM4928_14 Datasheet
1Mb / 28P
Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com