Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4995 Datasheet (PDF) - Texas Instruments

LM4995 Datasheet PDF - Texas Instruments
Part # LM4995
Download  LM4995 Download
File Size   665.95 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4995 1.3 W Audio Power Amplifier

LM4995 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4995 Datasheet PDF - Texas Instruments

Part # LM4995
Download  LM4995 Click to download

File Size   665.95 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4995 1.3 W Audio Power Amplifier

LM4995 Datasheet (HTML) - Texas Instruments


LM4995 Product details

1FEATURES
2• Available in Space-Saving 0.4mm Pitch
DSBGA Package
• Ultra Low Current Shutdown Mode
• BTL Output Can Drive Capacitive Loads
• Improved Click and Pop Circuitry Eliminates
Noise during Turn-On and Turn-Off Transitions
• 2.4 - 5.5V Operation
• No Output Coupling Capacitors, Snubber
Networks or Bootstrap Capacitors Required
• Unity-Gain Stable
• External Gain Configuration Capability
• WSON Package: 0.5mm Pitch, 3 x 3 mm

APPLICATIONS
• Mobile Phones
• PDAs
• Portable electronic devices

KEY SPECIFICATIONS
• PSRR at 3.6V (217Hz & 1kHz): 75 dB
• Output Power at 5.0V, 1% THD+N, 8Ω:
1.3 W (typ)
• Output Power at 3.6V, 1% THD+N, 8Ω:
625 mW (typ)
• Shutdown Current: 0.01μA (typ)

DESCRIPTION
The LM4995 is an audio power amplifier primarily
designed for demanding applications in mobile
phones and other portable communication device
applications. It is capable of delivering 1.2W of
continuous average power to an 8Ω BTL load with
less than 1% distortion (THD+N) from a 5VDC power
supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The LM4995 does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
where minimal power consumption is a primary
requirement.
The LM4995 features a low-power consumption
shutdown mode, which is achieved by driving the
shutdown pin with logic low. Additionally, the LM4995
features an internal thermal shutdown protection
mechanism.
The LM4995 contains advanced click and pop
circuitry which eliminates noise which would
otherwise occur during turn-on and turn-off
transitions.
The LM4995 is unity-gain stable and can be
configured by external gain-setting resistors.




Similar Part No. - LM4995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
BOOMER-R AUDIO POWER AMPLIFIER SERIES
LM4995 NSC-LM4995 Datasheet
365Kb / 18P
1.3W Audio Power Amplifier
logo
Texas Instruments
LM4995 TI1-LM4995 Datasheet
1,005Kb / 23P
1.3 W Audio Power Amplifier
LM4995 TI-LM4995 Datasheet
954Kb / 22P
1.3 W Audio Power Amplifier
LM4995SD/NOPB TI-LM4995SD/NOPB Datasheet
954Kb / 22P
1.3 W Audio Power Amplifier
More results


Similar Description - LM4995

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
0,5 W audio power amplifier
March 1986
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
1-W AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
18 W BTL Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
16 W Audio Amplifier Power Supply
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
20 W AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
6-W STEREO AUDIO POWER AMPLIFIER
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
1.3 W Audio Power Amplifier
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
1.3 W Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com