Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5025C Datasheet (PDF) - Texas Instruments

LM5025C Datasheet PDF - Texas Instruments
Part # LM5025C
Download  LM5025C Download
File Size   582.53 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5025C Active Clamp Voltage Mode PWM Controller

LM5025C Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5025C Datasheet PDF - Texas Instruments

Part # LM5025C
Download  LM5025C Click to download

File Size   582.53 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5025C Active Clamp Voltage Mode PWM Controller

LM5025C Datasheet (HTML) - Texas Instruments


LM5025C Product details

FEATURES
• Internal Start-Up Bias Regulator
• 3A Compound Main Gate Driver
• Programmable Line Under-Voltage Lockout
(UVLO) with Adjustable Hysteresis
• Voltage Mode Control with Feed-Forward
• Adjustable Dual Mode Over-Current Protection
• Programmable Overlap or Deadtime between
the Main and Active Clamp Outputs
• Volt x Second Clamp
• Programmable Soft-start
• Leading Edge Blanking
• Single Resistor Programmable Oscillator
• Oscillator UP / DOWN Sync Capability
• Precision 5V Reference
• Thermal Shutdown

PACKAGE
• TSSOP-16

DESCRIPTION
The LM5025C is a functional variant of the LM5025
active clamp PWM controller. The functional
differences of the LM5025C are: The maximum duty
cycle of the LM5025C is increased from 80% to 91%.
The soft-start capacitor charging current is increased
from 20 μA to 90 μA. The VCC regulator current limit
threshold is increased from 25 mA to 55 mA. The
CS1 and CS2 current limit thresholds have been
increased to 0.5V. The internal CS2 filter discharge
device has been disabled and no longer operates
each clock cycle. The internal VCC and VREF
regulators continue to operate when the line UVLO
pin is below threshold.
The LM5025C PWM controller contains all of the
features necessary to implement power converters
utilizing the Active Clamp / Reset technique. With the
active clamp technique, higher efficiencies and
greater power densities can be realized compared to
conventional catch winding or RDC clamp / reset
techniques. Two control outputs are provided, the
main power switch control (OUT_A) and the active
clamp switch control (OUT_B). The two internal
compound gate drivers parallel both MOS and Bipolar
devices, providing superior gate drive characteristics.
This controller is designed for high-speed operation
including an oscillator frequency range up to 1MHz
and total PWM and current sense propagation delays
less than 100 ns. The LM5025C includes a highvoltage
start-up regulator that operates over a wide
input range of 13V to 90V. Additional features
include: Line Under Voltage Lockout (UVLO),
softstart, oscillator UP/DOWN sync capability,
precision reference and thermal shutdown.




Similar Part No. - LM5025C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025C TI-LM5025C Datasheet
938Kb / 22P
LM5025C Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025CCMTE NSC-LM5025CCMTE Datasheet
378Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025CMTC NSC-LM5025CMTC Datasheet
378Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025CMTC/NOPB TI-LM5025CMTC/NOPB Datasheet
938Kb / 22P
LM5025C Active Clamp Voltage Mode PWM Controller
More results


Similar Description - LM5025C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
Active Clamp Voltage Mode PWM Controller
LM5025 TI-LM5025_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025C TI-LM5025C_15 Datasheet
938Kb / 22P
LM5025C Active Clamp Voltage Mode PWM Controller
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
Active Clamp Voltage Mode PWM Controller
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
Active Clamp Voltage Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com