Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5041B Datasheet (PDF) - Texas Instruments

LM5041B Datasheet PDF - Texas Instruments
Part # LM5041B
Download  LM5041B Download
File Size   671.75 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5041B Cascaded PWM Controller

LM5041B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5041B Datasheet PDF - Texas Instruments

Part # LM5041B
Download  LM5041B Click to download

File Size   671.75 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5041B Cascaded PWM Controller

LM5041B Datasheet (HTML) - Texas Instruments


LM5041B Product details

1FEATURES
2• Internal Start-up Bias Regulator
• Programmable Line Under-Voltage Lockout
(UVLO) with Adjustable Hysteresis
• Current Mode Control
• Internal Error Amplifier with Reference
• Cycle-by-cycle Over-Current Protection
• Leading Edge Blanking
• Programmable Push-Pull Overlap or Dead
Time
• Internal 1.5A Push-Pull Gate Drivers
• Programmable Soft-Start
• Programmable Oscillator with Sync Capability
• Precision Reference
• Thermal Shutdown

APPLICATIONS
• Telecommunication Power Converters
• Industrial Power Converters
• Multi-Output Power Converters

PACKAGES
• TSSOP-16
• WSON-16 (5x5 mm) Thermally Enhanced

DESCRIPTION
The LM5041B PWM controller contains all of the
features necessary to implement either current-fed or
voltage-fed push-pull or bridge power converters.
These “Cascaded” topologies are well suited for
multiple output and higher power applications. The
LM5041B includes these four control outputs: the
buck stage controls (HD and LD) and the push-pull
control outputs (PUSH and PULL). Push-pull outputs
are driven at 50% nominal duty cycle at one half of
the switching frequency of the buck stage and can be
configured for either a specified overlap time (for
current-fed applications) or a specified non-overlap
time (for voltage-fed applications). Push-pull stage
MOSFETs can be driven directly from the internal
gate drivers while the buck stage requires an external
driver such as the LM5102. The LM5041B includes a high-voltage start-up regulator that operates over a
wide input range of 15V to 100V. The PWM controller
is designed for high-speed capability including an
oscillator frequency range up to 1 MHz and total
propagation delays of less than 100 ns. Additional features include line Under-Voltage Lock-Out
(UVLO), Soft-Start, an error amplifier, precision
voltage reference, and thermal shutdown.
The differences between LM5041, LM5041A and
LM5041B are as follows: In the LM5041A and the
LM5041B version, the hiccup mode over-current
protection is not employed and the VCC bias regulator is not disabled by a low state at the SS pin.
In the LM5041B version, both the high and low side
buck stage gate drivers are forced to a low state
when the controller is disabled. In the LM5041 and
the LM5041B version, the buck stage controller is
disabled by either a low state at the UVLO pin or a
low state at the SS pin. Also in the LM5041B version,
the REF pin 5V regulator is not disabled by a UVLO
pin low state.




Similar Part No. - LM5041B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
Cascaded PWM Controller
logo
Texas Instruments
LM5041B TI-LM5041B Datasheet
989Kb / 20P
Cascaded PWM Controller
logo
National Semiconductor ...
LM5041BMTC NSC-LM5041BMTC Datasheet
438Kb / 16P
Cascaded PWM Controller
logo
Texas Instruments
LM5041BMTC/NOPB TI-LM5041BMTC/NOPB Datasheet
989Kb / 20P
Cascaded PWM Controller
logo
National Semiconductor ...
LM5041BMTCX NSC-LM5041BMTCX Datasheet
438Kb / 16P
Cascaded PWM Controller
More results


Similar Description - LM5041B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5041 NSC-LM5041 Datasheet
343Kb / 16P
Cascaded PWM Controller
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
Cascaded PWM Controller
LM5041A NSC-LM5041A Datasheet
727Kb / 16P
Cascaded PWM Controller
logo
Texas Instruments
LM5041AMTCX TI-LM5041AMTCX Datasheet
1Mb / 22P
LM5041A Cascaded PWM Controller
LM5041MTCX TI-LM5041MTCX Datasheet
1Mb / 22P
LM5041 Cascaded PWM Controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
PWM Controller
logo
Texas Instruments
LM5041 TI1-LM5041_14 Datasheet
1Mb / 21P
Cascaded PWM Controller
LM5041A TI-LM5041A_15 Datasheet
1Mb / 22P
LM5041A Cascaded PWM Controller
LM5041B TI-LM5041B_15 Datasheet
989Kb / 20P
Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
Cascaded PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com