Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5105 Datasheet (PDF) - Texas Instruments

LM5105 Datasheet PDF - Texas Instruments
Part # LM5105
Download  LM5105 Download
File Size   557.94 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5105 100-V Half-Bridge Gate Driver With Programmable Dead Time

LM5105 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5105 Datasheet PDF - Texas Instruments

Part # LM5105
Download  LM5105 Click to download

File Size   557.94 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5105 100-V Half-Bridge Gate Driver With Programmable Dead Time

LM5105 Datasheet (HTML) - Texas Instruments


LM5105 Product details

1 Features
1• Drives Both a High-Side and Low-Side N-Channel
MOSFET
• 1.8-A Peak Gate Drive Current
• Bootstrap Supply Voltage Range up to 118-V DC
• Integrated Bootstrap Diode
• Single TTL Compatible Input
• Programmable Turnon Delays (Dead Time)
• Enable Input Pin
• Fast Turnoff Propagation Delays (26 ns Typical)
• Drives 1000 pF With 15-ns Rise and Fall Time
• Supply Rail Undervoltage Lockout
• Low Power Consumption
• Package: Thermally Enhanced 10-Pin WSON
(4 mm × 4 mm)

2 Applications
• Solid-State Motor Drives
• Half- and Full-Bridge Power Converters

3 Description
The LM5105 is a high-voltage gate driver designed to
drive both the high-side and low-side N–Channel
MOSFETs in a synchronous buck or half-bridge
configuration. The floating high-side driver is capable
of working with rail voltages up to 100 V. The single
control input is compatible with TTL signal levels and
a single external resistor programs the switching
transition dead time through tightly matched turnon
delay circuits. A high-voltage diode is provided to
charge the high-side gate-drive bootstrap capacitor.
The robust level shift technology operates at high
speed while consuming low power and provides clean
output transitions. Undervoltage lockout disables the
gate driver when either the low-side or the
bootstrapped high-side supply voltage is below the
operating threshold. The LM5105 is offered in the
thermally enhanced WSON plastic package.




Similar Part No. - LM5105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
LM5105SD NSC-LM5105SD Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
logo
Texas Instruments
LM5105SD TI1-LM5105SD Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
LM5105SD TI1-LM5105SD Datasheet
1,004Kb / 23P
100V Half Bridge Gate Driver With Programmable Dead-Time
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
More results


Similar Description - LM5105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
LM5105 TI-LM5105_15 Datasheet
945Kb / 21P
LM5105 100V Half Bridge Gate Driver with Programmable Dead-Time
LM5106 TI-LM5106_15 Datasheet
989Kb / 26P
100-V Half-Bridge Gate Driver With Programmable Dead-Time
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
100V Half Bridge Gate Driver With Programmable Dead-Time
LMG1210 TI1-LMG1210 Datasheet
601Kb / 23P
200-V, 1.5-A, 3-A Half-Bridge GaN Driver With Adjustable Dead Time
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
ADUM4221 AD-ADUM4221_V01 Datasheet
1Mb / 24P
Isolated, Half Bridge Gate Drivers with Adjustable Dead Time, 4 A Output
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com