Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109 Datasheet (PDF) - Texas Instruments

LM5109 Datasheet PDF - Texas Instruments
Part # LM5109
Download  LM5109 Download
File Size   437.29 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5109 100V/1A Peak Half Bridge Gate Driver

LM5109 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5109 Datasheet PDF - Texas Instruments

Part # LM5109
Download  LM5109 Click to download

File Size   437.29 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5109 100V/1A Peak Half Bridge Gate Driver

LM5109 Datasheet (HTML) - Texas Instruments


LM5109 Product details

1FEATURES
2• Drives Both a High Side and Low Side N-
Channel MOSFET
• 1A Peak Output Current (1.0A Sink / 1.0A
Source)
• Independent TTL Compatible Inputs
• Bootstrap Supply Voltage to 118V DC
• Fast Propagation Times (27 ns Typical)
• Drives 1000 pF Load with 15ns Rise and Fall
Times
• Excellent Propagation Delay Matching (2 ns
Typical)
• Supply Rail Under-voltage Lockout
• Low Power Consumption
• Pin Compatible with ISL6700

TYPICAL APPLICATIONS
• Current Fed Push-pull Converters
• Half and Full Bridge Power Converters
• Solid State Motor Drives
• Two Switch Forward Power Converters

PACKAGE
• SOIC-8
• WSON-8 (4 mm x 4 mm)

DESCRIPTION
The LM5109 is a low cost high voltage gate driver,
designed to drive both the high side and the low side
N-Channel MOSFETs in a synchronous buck or a
half bridge configuration. The floating high-side driver
is capable of working with rail voltages up to 100V.
The outputs are independently controlled with TTL
compatible input thresholds. A robust level shifter
technology operates at high speed while consuming low power and providing clean level transitions from
the control input logic to the high side gate driver.
Under-voltage lockout is provided on both the low
side and the high side power rails. The device is
available in the SOIC-8 and the thermally enhanced
WSON-8 packages.




Similar Part No. - LM5109

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI-LM5109A Datasheet
796Kb / 16P
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
More results


Similar Description - LM5109

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2106 INTERSIL-HIP2106 Datasheet
66Kb / 8P
100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
August 1999
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
100V / 1.4A Peak Half Bridge Gate Driver
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
LM5107 100V / 1.4A Peak Half Bridge Gate Driver
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
LM5109B High Voltage 1A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com