Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5112 Datasheet (PDF) - Texas Instruments

LM5112 Datasheet PDF - Texas Instruments
Part # LM5112
Download  LM5112 Download
File Size   480.42 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5112, LM5112-Q1 Tiny 7-A MOSFET Gate Driver

LM5112 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5112 Datasheet PDF - Texas Instruments

Part # LM5112
Download  LM5112 Click to download

File Size   480.42 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5112, LM5112-Q1 Tiny 7-A MOSFET Gate Driver

LM5112 Datasheet (HTML) - Texas Instruments


LM5112 Product details

1 Features
• LM5112-Q1 is Qualified for Automotive
Applications
• AEC-Q100 Grade 1 Qualified
• Manufactured on an Automotive Grade Flow
• Compound CMOS and Bipolar Outputs Reduce
Output Current Variation
• 7-A Sink and 3-A Source Current
• Fast Propagation Times: 25 ns (Typical)
• Fast Rise and Fall Times: 14 ns or 12 ns
Rise or Fall With 2-nF Load
• Inverting and Non-Inverting Inputs Provide Either
Configuration With a Single Device
• Supply Rail Undervoltage Lockout Protection
• Dedicated Input Ground (IN_REF) for
Split Supply or Single Supply Operation
• Power Enhanced 6-Pin WSON Package
(3 mm × 3 mm) or Thermally Enhanced
MSOP-PowerPAD Package
• Output Swings From VCC to VEE Which Are
Negative Relative to Input Ground

2 Applications
• DC to DC Switch-Mode Power Supplies
• AC to DC Switch-Mode Power Supplies
• Solar Microinverters
• Solenoid and Motor Drives

3 Description
The LM5112 device MOSFET gate driver provides
high peak gate drive current in the tiny 6-pin WSON
package (SOT-23 equivalent footprint) or an 8-pin
exposed-pad MSOP package with improved power
dissipation required for high frequency operation. The
compound output driver stage includes MOS and
bipolar transistors operating in parallel that together
sink more than 7 A peak from capacitive loads.
Combining the unique characteristics of MOS and
bipolar devices reduces drive current variation with
voltage and temperature. Undervoltage lockout
protection is provided to prevent damage to the
MOSFET due to insufficient gate turnon voltage. The
LM5112 device provides both inverting and noninverting
inputs to satisfy requirements for inverting
and non-inverting gate drive with a single device type.




Similar Part No. - LM5112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
Tiny 7A MOSFET Gate Driver
logo
Texas Instruments
LM5112 TI-LM5112 Datasheet
935Kb / 16P
Tiny 7A MOSFET Gate Driver
LM5112 TI1-LM5112 Datasheet
940Kb / 16P
Tiny 7A MOSFET Gate Driver
LM5112-Q1 TI1-LM5112-Q1 Datasheet
940Kb / 16P
Tiny 7A MOSFET Gate Driver
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
Tiny 7A MOSFET Gate Driver
More results


Similar Description - LM5112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
Tiny 7A MOSFET Gate Driver
logo
Texas Instruments
ISO5500 TI1-ISO5500 Datasheet
1Mb / 40P
2.5 A Isolated IGBT, MOSFET Gate Driver
LM5112SD TI1-LM5112SD Datasheet
940Kb / 16P
Tiny 7A MOSFET Gate Driver
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
Tiny 7A MOSFET Gate Driver
SM74101 TI-SM74101 Datasheet
1Mb / 23P
SM74101 Tiny 7A MOSFET Gate Driver
LM5112 TI1-LM5112 Datasheet
940Kb / 16P
Tiny 7A MOSFET Gate Driver
UCC21551-Q1 TI-UCC21551-Q1 Datasheet
1Mb / 43P
UCC21551-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
DECEMBER 2022
UCC21551-Q1 TI-UCC21551-Q1_V01 Datasheet
1Mb / 44P
UCC21551-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
DECEMBER 2022
UCC21550-Q1 TI1-UCC21550-Q1 Datasheet
2Mb / 41P
UCC21550x-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
MAY 2023
UCC21551-Q1 TI1-UCC21551-Q1_V02 Datasheet
1Mb / 46P
UCC21551x-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com