Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5100 Datasheet (PDF) - Texas Instruments

LM5100 Datasheet PDF - Texas Instruments
Part # LM5100
Download  LM5100 Download
File Size   585.43 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5100 /LM5101 High Voltage High Side and Low Side Gate Driver

LM5100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5100 Datasheet PDF - Texas Instruments

Part # LM5100
Download  LM5100 Click to download

File Size   585.43 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5100 /LM5101 High Voltage High Side and Low Side Gate Driver

LM5100 Datasheet (HTML) - Texas Instruments


LM5100 Product details

1FEATURES
2• Drives Both a High Side and Low Side N-
Channel MOSFET
• Independent High and Low Driver Logic Inputs
(TTL for LM5101 or CMOS for LM5100)
• Bootstrap Supply Voltage Range up to 118V
DC
• Fast Propagation Times (25 ns Typical)
• Drives 1000 pF Load with 15 ns Rise and Fall
Times
• Excellent Propagation Delay Matching (3 ns
Typical)
• Supply Rail Under-voltage Lockouts
• Low Power Consumption
• Pin Compatible with HIP2100/HIP2101

TYPICAL APPLICATIONS
• Current Fed Push-pull Converters
• Half and Full Bridge Power Converters
• Synchronous Buck Converters
• Two Switch Forward Power Converters
• Forward with Active Clamp Converters

PACKAGE
• SOIC-8
• WSON-10 (4 mm x 4 mm)

DESCRIPTION
The LM5100/LM5101 High Voltage Gate Drivers are
designed to drive both the high side and the low side
N-Channel MOSFETs in a synchronous buck or a half bridge configuration. The floating high-side driver
is capable of operating with supply voltages up to
100V. The outputs are independently controlled with
CMOS input thresholds (LM5100) or TTL input
thresholds (LM5101). An integrated high voltage
diode is provided to charge the high side gate drive
bootstrap capacitor. A robust level shifter operates at
high speed while consuming low power and providing
clean level transitions from the control logic to the
high side gate driver. Under-voltage lockout is
provided on both the low side and the high side
power rails. This device is available in the standard
SOIC-8 pin and the WSON-10 pin packages.




Similar Part No. - LM5100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100A NSC-LM5100A Datasheet
812Kb / 15P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100A TI1-LM5100A Datasheet
596Kb / 20P
LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100AM TI1-LM5100AM Datasheet
1Mb / 28P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Similar Description - LM5100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
High Voltage High Side and Low Side Gate Driver
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com