Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6211 Datasheet (PDF) - Texas Instruments

LM6211 Datasheet PDF - Texas Instruments
Part # LM6211
Download  LM6211 Download
File Size   653.71 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation

LM6211 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM6211 Datasheet PDF - Texas Instruments

Part # LM6211
Download  LM6211 Click to download

File Size   653.71 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation

LM6211 Datasheet (HTML) - Texas Instruments


LM6211 Product details

FEATURES
2(Typical 24V Supply Unless Otherwise Noted)
• Supply Voltage Range 5V to 24V
• Input Referred Voltage Noise 5.5 nV/√Hz
• Unity Gain Bandwidth 20 MHz
• 1/f Corner Frequency 400 Hz
• Slew Rate 5.6 V/μs
• Supply Current 1.05 mA
• Low Input Capacitance 5.5 pF
• Temperature Range -40°C to 125°C
• Total Harmonic Distortion 0.01% @ 1 kHz,
600Ω
• Output Short Circuit Current 25 mA

APPLICATIONS
• PLL Loop Filters
• Low Noise Active Filters
• Strain Gauge Amplifiers
• Low Noise Microphone Amplifiers

DESCRIPTION
The LM6211 is a wide bandwidth, low noise op amp with a wide supply voltage range and a low input bias
current. The LM6211 operates with a single supply voltage of 5V to 24V, is unity gain stable, has a groundsensing
CMOS input stage, and offers rail-to-rail output swing.
The LM6211 is designed to provide optimal performance in high voltage, low noise systems. The LM6211 has a
unity gain bandwidth of 20 MHz and an input referred voltage noise density of 5.5 nV/√Hz at 10 kHz. The
LM6211 achieves these specifications with a low supply current of only 1 mA. The LM6211 has a low input bias
current of 2.3 pA, an output short circuit current of 25 mA and a slew rate of 5.6 V/us. The LM6211 also features
a low common-mode input capacitance of 5.5 pF which makes it ideal for use in wide bandwidth and high gain
circuits. The LM6211 is well suited for low noise applications that require an op amp with very low input bias
currents and a large output voltage swing, like active loop-filters for wide-band PLLs. A low total harmonic
distortion, 0.01% at 1 kHz with loads as high as 600Ω, also makes the LM6211 ideal for high fidelity audio and
microphone amplifiers.
The LM6211 is available in the small SOT-23 package, allowing the user to implement ultra-small and cost
effective board layouts.




Similar Part No. - LM6211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6211 NSC-LM6211 Datasheet
1Mb / 19P
Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
logo
Texas Instruments
LM6211 TI1-LM6211 Datasheet
995Kb / 29P
LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
LM6211-MIL TI1-LM6211-MIL Datasheet
995Kb / 29P
LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
LM6211MDC TI1-LM6211MDC Datasheet
995Kb / 29P
LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
logo
National Semiconductor ...
LM6211MF NSC-LM6211MF Datasheet
1Mb / 19P
Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
More results


Similar Description - LM6211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6211 NSC-LM6211 Datasheet
1Mb / 19P
Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
LMV716 NSC-LMV716 Datasheet
949Kb / 15P
5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
Texas Instruments
SM73303 TI1-SM73303 Datasheet
460Kb / 18P
5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
Analog Devices
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
Low Noise, CMOS Input Operational Amplifier with Shutdown
LMV716 TI-LMV716_15 Datasheet
1Mb / 24P
LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
Low Offset, Low Noise, RRO Operational Amplifier
LM6211 TI1-LM6211 Datasheet
995Kb / 29P
LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
LMV716 TI1-LMV716 Datasheet
1Mb / 25P
LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com