Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6511 Datasheet (PDF) - Texas Instruments

LM6511 Datasheet PDF - Texas Instruments
Part # LM6511
Download  LM6511 Download
File Size   530.22 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6511 180 ns 3V Comparator

LM6511 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM6511 Datasheet PDF - Texas Instruments

Part # LM6511
Download  LM6511 Click to download

File Size   530.22 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6511 180 ns 3V Comparator

LM6511 Datasheet (HTML) - Texas Instruments


LM6511 Product details

1FEATURES
2• (Typical Unless Otherwise Noted)
• Operates at +2.7V, +3V, +3.3V, +5V
• Low Power Consumption <9.45 mW @ V+ =
2.7V (max)
• Fast Response Time of 180 ns

APPLICATIONS
• Portable Equipment
• Cellular Phones
• Digital Level Shifting

DESCRIPTION
The LM6511 voltage comparator is ideal for analog-
digital interface circuitry when only a +3V or +3.3V
supply is available. The open-collector output permits
signal compatibility with a wide variety of digital
families: +5V CMOS, +3V CMOS, TTL and so on.
Supply voltage may range from 2.7V to 36V between
supply voltage leads. The LM6511 operates with little
power consumption (Pdiss < 9.45 mW at V+ = +2.7V and V− = 0V).
This voltage comparator offers many features that are
available in traditional sub-microsecond comparators:
output sync strobe, inputs and output may be isolated
from system ground, and wire-ORing. Also, the
LM6511 uses the industry-standard, single
comparator pinout configuration.




Similar Part No. - LM6511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6511 NSC-LM6511 Datasheet
152Kb / 7P
180 ns 3V Comparator
LM6511 NSC-LM6511 Datasheet
150Kb / 6P
180 ns 3V Comparator
logo
Texas Instruments
LM6511 TI-LM6511 Datasheet
809Kb / 13P
LM6511 180 ns 3V Comparator
LM6511 TI1-LM6511 Datasheet
826Kb / 14P
180 ns 3V Comparator
logo
National Semiconductor ...
LM6511IM NSC-LM6511IM Datasheet
152Kb / 7P
180 ns 3V Comparator
More results


Similar Description - LM6511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6511 NSC-LM6511 Datasheet
152Kb / 7P
180 ns 3V Comparator
logo
Analog Devices
AD8561 AD-AD8561 Datasheet
105Kb / 11P
Ultrafast 7 ns Single Supply Comparator
REV.0
AD8598 AD-AD8598 Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
AD8564 AD-AD8564_07 Datasheet
260Kb / 12P
Quad 7 ns Single Supply Comparator
REV. B
logo
National Semiconductor ...
LM6511 NSC-LM6511_03 Datasheet
150Kb / 6P
180 ns 3V Comparator
logo
Analog Devices
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
logo
Texas Instruments
LM6511IM TI-LM6511IM Datasheet
809Kb / 13P
LM6511 180 ns 3V Comparator
LM6511 TI1-LM6511_14 Datasheet
826Kb / 14P
180 ns 3V Comparator
logo
Analog Devices
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
Ultrafast 7 ns Single Supply Comparator
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com