Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7341 Datasheet (PDF) - Texas Instruments

LM7341 Datasheet PDF - Texas Instruments
Part # LM7341
Download  LM7341 Download
File Size   601.63 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package

LM7341 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7341 Datasheet PDF - Texas Instruments

Part # LM7341
Download  LM7341 Click to download

File Size   601.63 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package

LM7341 Datasheet (HTML) - Texas Instruments


LM7341 Product details

1FEATURES
2• (VS = ±15V, TA = 25°C, Typical Values.)
• Tiny 5-pin SOT-23 Package Saves Space
• Greater than Rail-to-Rail Input CMVR −15.3V to
15.3V
• Rail-to-Rail Output Swing −14.84V to 14.86V
• Supply Current 0.7 mA
• Gain Bandwidth 4.6 MHz
• Slew Rate 1.9 V/μs
• Wide Supply Range 2.7V to 32V
• High Power Supply Rejection Ratio 106 dB
• High Common Mode Rejection Ratio 115 dB
• Excellent Gain 106 dB
• Temperature Range −40°C to 125°C
• Tested at −40°C, 125°C and 25°C at 2.7V, ±5V
and ±15V

APPLICATIONS
• Automotive
• Industrial Robotics
• Sensor Output Buffers
• Multiple Voltage Power Supplies
• Reverse Biasing of Photodiodes
• Low Current Optocouplers
• High Side Sensing
• Comparator
• Battery Chargers
• Test Point Output Buffers
• Below Ground Current Sensing

DESCRIPTION
The LM7341 is a rail-to-rail input and output amplifier
in a small SOT-23 package with a wide supply
voltage and temperature range. The LM7341 has a
4.6 MHz gain bandwidth and a 1.9 volt per
microsecond slew rate, and draws 0.75 mA of supply
current at no load.
The LM7341 is tested at −40°C, 125°C and 25°C with
modern automatic test equipment. Detailed
performance specifications at 2.7V, ±5V, and ±15V
and over a wide temperature range make the
LM7341 a good choice for automotive, industrial, and
other demanding applications.
Greater than rail-to-rail input common mode range
with a minimum 76 dB of common mode rejection at
±15V makes the LM7341 a good choice for both high
and low side sensing applications.
LM7341 performance is consistent over a wide voltage range, making the part useful for applications
where the supply voltage can change, such as
automotive electrical systems and battery powered
electronics.
The LM7341 uses a small SOT23-5 package, which
takes up little board space, and can be placed near
signal sources to reduce noise pickup.




Similar Part No. - LM7341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7341 NSC-LM7341 Datasheet
587Kb / 20P
짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
Texas Instruments
LM7341 TI-LM7341 Datasheet
900Kb / 27P
Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
National Semiconductor ...
LM7341MF NSC-LM7341MF Datasheet
587Kb / 20P
짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
Texas Instruments
LM7341MF/NOPB TI-LM7341MF/NOPB Datasheet
900Kb / 27P
Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
National Semiconductor ...
LM7341MFE NSC-LM7341MFE Datasheet
587Kb / 20P
짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
More results


Similar Description - LM7341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Linear Technology
LT1797 LINER-LT1797_1 Datasheet
194Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
National Semiconductor ...
LM7341 NSC-LM7341 Datasheet
587Kb / 20P
짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
Texas Instruments
LM7341 TI-LM7341_15 Datasheet
900Kb / 27P
Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
ON Semiconductor
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
logo
Texas Instruments
LM7301 TI1-LM7301_16 Datasheet
1Mb / 28P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
LM7301 ONSEMI-LM7301_14 Datasheet
380Kb / 12P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com