Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8262 Datasheet (PDF) - Texas Instruments

LM8262 Datasheet PDF - Texas Instruments
Part # LM8262
Download  LM8262 Download
File Size   543.56 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP

LM8262 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8262 Datasheet PDF - Texas Instruments

Part # LM8262
Download  LM8262 Click to download

File Size   543.56 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP

LM8262 Datasheet (HTML) - Texas Instruments


LM8262 Product details

1 Features
1(VS = 5V, TA = 25°C, Typical Values Unless
Specified).
• GBWP 21MHz
• Wide Supply Voltage Range 2.5 V to 22 V
• Slew Rate 12V/μs
• Supply Current/channel 1.15 mA
• Cap Load Limit Unlimited
• Output Short Circuit Current +53mA/−75 mA
• +/−5% Settling Time 400ns (500 pF, 100 mV PP
step)
• Input Common Mode Voltage 0.3 V Beyond Rails
• Input Voltage Noise 15nV/√Hz
• Input Current Noise 1pA/√Hz
• THD+N < 0.05%

2 Applications
• TFT-LCD Flat Panel VCOM driver
• A/D Converter Buffer
• High Side/low Side Sensing
• Headphone Amplifier

3 Description
The LM8262 is a Rail-to-Rail input and output Op
Amp which can operate with a wide supply voltage
range. This device has high output current drive,
greater than Rail-to-Rail input common mode voltage
range, unlimited capacitive load drive capability, and
provides tested and ensured high speed and slew
rate. It is specifically designed to handle the requirements of flat panel TFT panel VCOM driver
applications as well as being suitable for other low
power and medium speed applications which require
ease of use and enhanced performance over existing
devices.
Greater than Rail-to-Rail input common mode voltage
range with 50 dB of Common Mode Rejection allows high side and low side sensing for many applications
without concern for exceeding the range and with no
compromise in accuracy. In addition, most device
parameters are insensitive to power supply variations.
This design enhancement is yet another step in simplifying its usage. The output stage has low
distortion (0.05% THD+N) and can supply a
respectable amount of current (15 mA) with minimal
headroom from either rail (300 mV).
The LM8262 is offered in the space saving VSSOP
package.




Similar Part No. - LM8262

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
logo
Texas Instruments
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
logo
National Semiconductor ...
LM8262MM NSC-LM8262MM Datasheet
255Kb / 10P
RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
logo
Texas Instruments
LM8262MM TI1-LM8262MM Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8262MM/NOPB TI1-LM8262MM/NOPB Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
More results


Similar Description - LM8262

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8261M5 TI-LM8261M5 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
High Output Current and Unlimited Capacitive Load Operational Amplifier
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
Single RRIO High Output Current & Unlimited Cap Load Op Amp
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
Dual RRIO, High Output Current & Unlimited Cap Load
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com