Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8342 Datasheet (PDF) - Texas Instruments

LM8342 Datasheet PDF - Texas Instruments
Part # LM8342
Download  LM8342 Download
File Size   516.7 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8342 Programmable TFT VCOM Calibrator with Non-Volatile Memory

LM8342 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8342 Datasheet PDF - Texas Instruments

Part # LM8342
Download  LM8342 Click to download

File Size   516.7 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8342 Programmable TFT VCOM Calibrator with Non-Volatile Memory

LM8342 Datasheet (HTML) - Texas Instruments


LM8342 Product details

FEATURES
• I2C Compatible Programmable DAC to Set the
Output Current
• Ensured Monotonic DAC
• Non-Volatile Memory to Hold the Setting
• EEPROM in System Programmable
• No External Programming Voltage Required
• Maximum Interface Bus Speed is 400 kHz
• SON-10 Package

APPLICATIONS
• TFT Panel Factory Calibration
• Digital Potentiometer
• Programmable Current Sink

DESCRIPTION
The LM8342 is an integrated combination of a non-
volatile register (7 bits EEPROM) and a DAC
controlled current source. Using the LM8342, the
VCOM calibration procedure is simplified by elimination
of the potentiometer adjustment task. This adjustment
task is currently performed at the factory using a
trimmer adjustment tool and visual inspection.
The VCOM adjustment can be done electronically in
production, using the I2C compatible interface. The
factory operator can physically view the screen headon
(frontal viewing) when performing this step, easing
manufacturing especially for large TFT panels.
The VCOM level is typically at half AVDD (determined
by R1 and R2) and is buffered by the actual VCOM
driver. By controlling the level of IOUT, the VCOM level
can be tuned. The current level at the output of the
LM8342 is a fraction (1/128 to 128/128) of a
maximum current which is set by RSET and an analog
reference (AVDD). The actual fraction is determined
by the 7-bit DAC. As a result, the output current of
the LM8342 has a good temperature stability yielding
a very stable VCOM adjustment. Controlling the DAC
setting of the LM8342 is done via its I2C compatible
interface. The actual DAC setting is stored in a
volatile register. Using a “Write to EE” command the
data can be stored permanently in the embedded
EEPROM. At power on of the device, the EEPROM
data is copied to the volatile register, setting the DAC.
At any time, the data in the EEPROM can be
changed again via the I2C compatible interface.




Similar Part No. - LM8342

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8342 NSC-LM8342 Datasheet
949Kb / 16P
Programmable TFT VCOM Calibrator with Non-Volatile
logo
Texas Instruments
LM8342 TI1-LM8342 Datasheet
966Kb / 23P
Programmable TFT V Calibrator with Non-Volatile Memory
logo
National Semiconductor ...
LM8342SD NSC-LM8342SD Datasheet
949Kb / 16P
Programmable TFT VCOM Calibrator with Non-Volatile
logo
Texas Instruments
LM8342SD/NOPB TI1-LM8342SD/NOPB Datasheet
966Kb / 23P
Programmable TFT V Calibrator with Non-Volatile Memory
logo
National Semiconductor ...
LM8342SDX NSC-LM8342SDX Datasheet
949Kb / 16P
Programmable TFT VCOM Calibrator with Non-Volatile
More results


Similar Description - LM8342

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
National Semiconductor ...
LM8342 NSC-LM8342 Datasheet
949Kb / 16P
Programmable TFT VCOM Calibrator with Non-Volatile
logo
Maxim Integrated Produc...
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL45041 INTERSIL-ISL45041 Datasheet
489Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 12, 2010
ISL45041_1012 INTERSIL-ISL45041_1012 Datasheet
352Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
December 17, 2010
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Texas Instruments
LM8342 TI1-LM8342 Datasheet
966Kb / 23P
Programmable TFT V Calibrator with Non-Volatile Memory
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com