Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8364 Datasheet (PDF) - Texas Instruments

LM8364 Datasheet PDF - Texas Instruments
Part # LM8364
Download  LM8364 Download
File Size   501.95 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8364 Micropower Undervoltage Sensing Circuits

LM8364 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8364 Datasheet PDF - Texas Instruments

Part # LM8364
Download  LM8364 Click to download

File Size   501.95 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8364 Micropower Undervoltage Sensing Circuits

LM8364 Datasheet (HTML) - Texas Instruments


LM8364 Product details

1FEATURES
2• Extremely Low Quiescent Current: 0.65μA, at
V IN = 2.87V
• High Accuracy Threshold Voltage (±2.5%)
• Open Drain Output
• Input Voltage Range: 1V to 6V
• Surface Mount Package (5-Pin SOT-23)
• Pin for Pin Compatible with MC33464

APPLICATIONS
• Low Battery Detection
• Microprocessor Reset Controller
• Power Fail Indicator
• Battery Backup Detection

DESCRIPTION
The LM8364 series are micropower undervoltage
sensing circuits that are ideal for use in battery
powered microprocessor based systems, where
extended battery life is a key requirement.
A range of threshold voltages from 2.0V to 4.5V are
available with an active low open drain output. These
devices feature a very low quiescent current of
0.65μA typical. The LM8364 series features a highly
accurate voltage reference, a comparator with precise
thresholds and built-in hysterisis to prevent erratic reset operation, and ensured Reset operation down
to 1.0V with extremely low standby current.
These devices are available in the space saving
SOT-23 5-pin surface mount package. For other
undervoltage thresholds and output options, please
contact Texas Instruments.




Similar Part No. - LM8364

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
Micropower Undervoltage Sensing Circuits
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
Micropower Undervoltage Sensing Circuits
logo
National Semiconductor ...
LM8364BALMF20 NSC-LM8364BALMF20 Datasheet
199Kb / 8P
Micropower Undervoltage Sensing Circuits
logo
Texas Instruments
LM8364BALMF20 TI1-LM8364BALMF20 Datasheet
797Kb / 14P
Micropower Undervoltage Sensing Circuits
LM8364BALMF20/NOPB TI1-LM8364BALMF20/NOPB Datasheet
797Kb / 14P
Micropower Undervoltage Sensing Circuits
More results


Similar Description - LM8364

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
Micropower Undervoltage Sensing Circuits
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com