Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8850 Datasheet (PDF) - Texas Instruments

LM8850 Datasheet PDF - Texas Instruments
Part # LM8850
Download  LM8850 Download
File Size   692.57 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8850 High-Performance, Step-Up DC-DC Converter for High-Power Applications in Mobile Devices

LM8850 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8850 Datasheet PDF - Texas Instruments

Part # LM8850
Download  LM8850 Click to download

File Size   692.57 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8850 High-Performance, Step-Up DC-DC Converter for High-Power Applications in Mobile Devices

LM8850 Datasheet (HTML) - Texas Instruments


LM8850 Product details

1FEATURES
2• 6μA typ. Quiescent Current
• VOUT = 3.6V to 5.7V (max VO = 5.7V)
• Operates from a Single Lithium Ion Cell (2.3V
to 5.5V)
• 8 User-selectable Output Voltages via I2C
• High-speed 3.4 MHz I2C-compatible Interface
• Up to 1.0A Maximum Load Current Capability
• 4 Levels of Current Limiting
• Auto-mode Operation and Forced PWM
• 2.5 MHz Switching Drequency (typ.)
• ±2.5% DC Output Voltage Precision
• 1.0 μH Inductor (2520 Case Size)
• 4.7 μF Input and Output Capacitors (0603 case
size)
• PGOOD Signal
• True Shutdown Isolation
• Output Over-voltage Protection
• Internal Active Voltage Balancing for
Supercapacitors
• DSBGA 9-bump Package
– (1.58 mm x 1.62 mm x 0.35 mm)(0.5 mm
pitch)

APPLICATIONS
• Flash LED
• Mobile Phones
• WiMAX
• USB
• Audio Amplifier

DESCRIPTION
LM8850 is a step-up DC-DC converter optimized for
use with a supercapacitor to protect a battery from
power surges and enable new high power
applications in mobile device architectures. The
device creates an ideal rail from 3.6V to 5.7V
boosting from a single Li-Ion cell with an input voltage
range of 2.3V to 5.5V; Target VOUT must be at least
10% higher than VIN.
An I2C interface controlling multiple output voltage
settings, input current limits, and load currents up to
1A provides superior user flexibility. The LM8850
operates in Auto mode, where the converter is in
PFM mode at light loads and switches to PWM mode
at heavy loads. Hysteretic PFM extends the battery
life by reduction of the quiescent current to 6μA (typ.)
during light load and standby conditions.
Synchronous operation provides true shutdown
isolation and improves its efficiency at medium-to-full
load conditions.




Similar Part No. - LM8850

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8850 NSC-LM8850 Datasheet
1Mb / 10P
Evaluation Board Application Note working demonstration
logo
Texas Instruments
LM8850 TI-LM8850 Datasheet
1Mb / 20P
High-Performance, Step-Up DC-DC Converter for High-Power Applications in Mobile Devices
LM8850URE/NOPB TI-LM8850URE/NOPB Datasheet
1Mb / 20P
High-Performance, Step-Up DC-DC Converter for High-Power Applications in Mobile Devices
LM8850URX/NOPB TI-LM8850URX/NOPB Datasheet
1Mb / 20P
High-Performance, Step-Up DC-DC Converter for High-Power Applications in Mobile Devices
LM8850 TI-LM8850_15 Datasheet
1Mb / 20P
High-Performance, Step-Up DC-DC Converter for High-Power Applications in Mobile Devices
More results


Similar Description - LM8850

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1937G ROHM-BD1937G Datasheet
291Kb / 6P
Step-up DC/DC converter for mobile phone
BD6067GU ROHM-BD6067GU Datasheet
314Kb / 6P
Step-up DC/DC converter for mobile phone
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
logo
Maxim Integrated Produc...
MAX17112 MAXIM-MAX17112 Datasheet
378Kb / 12P
High-Performance, Step-Up, DC-DC Converter
Rev 0; 12/08
logo
Texas Instruments
LM8850 TI-LM8850_15 Datasheet
1Mb / 20P
High-Performance, Step-Up DC-DC Converter for High-Power Applications in Mobile Devices
logo
Dialog Semiconductor
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Richtek Technology Corp...
RTQ9297-QT RICHTEK-RTQ9297-QT Datasheet
241Kb / 13P
3A High Performance Step-Up DC-DC Converter
August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com