Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5575-Q1 Datasheet (PDF) - Texas Instruments

LM5575-Q1 Datasheet PDF - Texas Instruments
Part # LM5575-Q1
Download  LM5575-Q1 Download
File Size   654.92 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5575/LM5575Q SIMPLE SWITCHER® 75V, 1.5A Step-Down Switching Regulator

LM5575-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5575-Q1 Datasheet PDF - Texas Instruments

Part # LM5575-Q1
Download  LM5575-Q1 Click to download

File Size   654.92 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5575/LM5575Q SIMPLE SWITCHER® 75V, 1.5A Step-Down Switching Regulator

LM5575-Q1 Datasheet (HTML) - Texas Instruments


LM5575-Q1 Product details

1FEATURES
23• LM5575Q is an Automotive Grade Product that
is AEC-Q100 Grade 1 Qualified (−40°C to +
125°C Operating Junction Temperature)
• Integrated 75V, 330mΩ N-channel MOSFET
• Ultra-wide Input Voltage Range from 6V to 75V
• Adjustable Output Voltage as Low as 1.225V
• 1.5% Feedback Reference Accuracy
• Operating Frequency Adjustable Between
50kHz and 500kHz with Single Resistor
• Master or Slave Frequency Synchronization
• Adjustable Soft-Start
• Emulated Current Mode Control Architecture
• Wide Bandwidth Error Amplifier
• Built-in Protection
• Automotive Grade Product Datasheet that is
AEC-Q100 Grade 0 Qualified is Available Upon
Request.
– (−40°C to + 150°C Operating Junction
Temperature)

APPLICATIONS
• Automotive
• Industrial

DESCRIPTION
The LM5575 is an easy to use SIMPLE SWITCHER®
buck regulator which allows design engineers to
design and optimize a robust power supply using a
minimum set of components. Operating with an input
voltage range of 6 - 75V, the LM5575 delivers 1.5A of
continuous output current with an integrated 330mΩ
N-Channel MOSFET. The regulator utilizes an
Emulated Current Mode architecture which provides
inherent line regulation, tight load transient response,
and ease of loop compensation without the usual
limitation of low-duty cycles associated with current
mode regulators. The operating frequency is
adjustable from 50kHz to 500kHz to allow
optimization of size and efficiency. To reduce EMI, a
frequency synchronization pin allows multiple IC’s
from the LM(2)557x family to self-synchronize or to
synchronize to an external clock. The LM5575
ensures robustness with cycle-by-cycle current limit,
short-circuit protection, thermal shut-down, and
remote shut-down. The device is available in a power
enhanced HTSSOP-16 package featuring an
exposed die attach pad for thermal dissipation. The
LM5575 is supported by the full suite of WEBENCH®
On-Line design tools.

PACKAGE
• HTSSOP-16EP (Exposed Pad)




Similar Part No. - LM5575-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 31P
LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 30P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 33P
Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI-LM5575-Q1 Datasheet
994Kb / 31P
LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI2-LM5575-Q1 Datasheet
732Kb / 35P
LM5575-Q1 75-V, 1.5-A Step-down Switching Regulator
REVISED JULY 2019
More results


Similar Description - LM5575-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5576 NSC-LM5576_09 Datasheet
465Kb / 24P
SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5575MH TI-LM5575MH Datasheet
952Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575QMHX TI-LM5575QMHX Datasheet
952Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_17 Datasheet
1Mb / 30P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com