Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW7220 Datasheet (PDF) - MICOV Technologies Co., Ltd

MW7220 Datasheet PDF - MICOV Technologies Co., Ltd
Part # MW7220
Download  MW7220 Download
File Size   238.03 Kbytes
Page   14 Pages
Manufacturer  MICOV [MICOV Technologies Co., Ltd]
Direct Link  
Logo MICOV - MICOV Technologies Co., Ltd
Description USB2.0 High Speed ​​HUB Controller

MW7220 Datasheet (PDF)

Go To PDF Page Download Datasheet
MW7220 Datasheet PDF - MICOV Technologies Co., Ltd

Part # MW7220
Download  MW7220 Click to download

File Size   238.03 Kbytes
Page   14 Pages
Manufacturer  MICOV [MICOV Technologies Co., Ltd]
Direct Link  
Logo MICOV - MICOV Technologies Co., Ltd
Description USB2.0 High Speed ​​HUB Controller

MW7220 Datasheet (HTML) - MICOV Technologies Co., Ltd


MW7220 Product details

Functional features:
Fully compatible with USB2.0 standard;
Supports 4 downstream USB2.0 ports;
Upstream port supports high-speed (HS)/full-speed (FS) transmission;
Downstream port supports high-speed (HS)/full-speed (FS)/low-speed (LS) transmission;
Backward compatible with USB1.1 standard;
Built-in optimized RISC-like processor;
Supports reading user-defined PID, VID, manufacturer name, product model, version serial number from external EEPROM;
Supports single TT, and 4 downstream ports share this TT;
Each downstream port has two working indicators (supported by QFP48 package);
The upstream port has a built-in 1.5K pull-up resistor, and the downstream port has a built-in 15K resistor;
The optimized USB transceiver can improve the signal transmission quality;
Supports Gang/Individual two overcurrent protection modes;
Supports bus power supply and self-power supply options;
Supports composite USB devices;
Built-in PLL, external 12MHz crystal;
Built-in 3.3V/1.8V LDO for internal power supply;




Similar Part No. - MW7220

ManufacturerPart #DatasheetDescription
logo
SHENZHEN SUNMOON MICROE...
MW74HC245D SUNMOON-MW74HC245D Datasheet
816Kb / 10P
Tri-state output eight-channel signal transceiver
MW74HC245P SUNMOON-MW74HC245P Datasheet
816Kb / 10P
Tri-state output eight-channel signal transceiver
logo
List of Unclassifed Man...
MW79-C ETC-MW79-C Datasheet
66Kb / 1P
Custom Wire Services
1/29/20
logo
NXP Semiconductors
MW7IC008N NXP-MW7IC008N Datasheet
377Kb / 13P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 12/2013
logo
Freescale Semiconductor...
MW7IC008NT1 FREESCALE-MW7IC008NT1 Datasheet
294Kb / 13P
RF LDMOS Wideband Integrated Power Amplifier
More results


Similar Description - MW7220

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640 CYPRESS-CY7C65640 Datasheet
675Kb / 27P
TetraHub High-speed USB Hub Controller
logo
SMSC Corporation
20H04 SMSC-20H04 Datasheet
919Kb / 38P
4-PORT USB2.0 HUB CONTROLLER
logo
Cypress Semiconductor
CY7C65640A CYPRESS-CY7C65640A Datasheet
910Kb / 21P
TetraHub??High-Speed USB Hub Controller
logo
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
USB2.0 Hub Controller
logo
SMSC Corporation
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
logo
List of Unclassifed Man...
M5603C ETC2-M5603C Datasheet
89Kb / 1P
HIGH-SPEED USB2.0 VIDEO CAMERA CONTROLLER
logo
Cypress Semiconductor
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
TetraHub??High Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_11 Datasheet
831Kb / 25P
TetraHub??High Speed USB Hub Controller
logo
Microchip Technology
USB3503 MICROCHIP-USB3503 Datasheet
1Mb / 73P
USB 2.0 HSIC High-Speed Hub Controller Optimized
01/27/15
USB3803 MICROCHIP-USB3803 Datasheet
1Mb / 99P
USB 2.0 High-Speed Hub Controller Optimized
01/27/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com