Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM100 Datasheet (PDF) - TT Electronics.

PM100 Datasheet PDF - TT Electronics.
Part # PM100
Download  PM100 Download
File Size   444.42 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM100 Medical & ITE Power Supplies (100W)

PM100 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM100 Datasheet PDF - TT Electronics.

Part # PM100
Download  PM100 Click to download

File Size   444.42 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM100 Medical & ITE Power Supplies (100W)

PM100 Datasheet (HTML) - TT Electronics.


PM100 Product details

Features:
• Medical and ITE approvals
• Compact size 2” x 4 “ x 1.26 “
• High Power density 10W / cubic inch
• 100W output with convection cooling up to +50°C
• Low Earth leakage current
• EN55011/55022 class B emissions
• RoHS compliant
Description:
The PM100 series of compact, open PCB standard constructed, AC –DC switching power supplies are capable of delivering
100 watts of continuous output power at convection cooling. They are suited for medical, information technology and
industrial applications. Approval to both EN60601-1 and EN60950-1 safety standards improves design– in time and reduces
end equipment costs.




Similar Part No. - PM100

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM100 POWERBOX-PM100 Datasheet
550Kb / 2P
3 7 - 6 4 WAT T S - A C / D C S I N G L E O U T P U T
logo
List of Unclassifed Man...
PM100 ETC1-PM100 Datasheet
134Kb / 2P
listeners to be connected to a single talker
logo
Tempo Communications, I...
PM100 TEMPOCOMMUNICATIONS-PM100 Datasheet
1Mb / 2P
POCKET MULTIMETER
06/20
logo
Powerbox
PM100-10A POWERBOX-PM100-10A Datasheet
550Kb / 2P
3 7 - 6 4 WAT T S - A C / D C S I N G L E O U T P U T
PM100-12A POWERBOX-PM100-12A Datasheet
550Kb / 2P
3 7 - 6 4 WAT T S - A C / D C S I N G L E O U T P U T
More results


Similar Description - PM100

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
logo
Wall Industries,Inc.
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
100W Medical AC - DC Desktop Power Supplies
logo
Total Power Internation...
TPMPU101 TOTAL-POWER-TPMPU101 Datasheet
309Kb / 2P
100W Desk Top Type Medical Power Supplies
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
Single Output 350W Medical & ITE Power Supplies
logo
ETA-USA
ZMD-SX-F-W ETA-USA-ZMD-SX-F-W Datasheet
2Mb / 4P
100W Both ITE & Medical Approvals
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com