Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM101 Datasheet (PDF) - TT Electronics.

PM101 Datasheet PDF - TT Electronics.
Part # PM101
Download  PM101 Download
File Size   512.13 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM101 Medical & ITE Power Supplies (80-100W)

PM101 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM101 Datasheet PDF - TT Electronics.

Part # PM101
Download  PM101 Click to download

File Size   512.13 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM101 Medical & ITE Power Supplies (80-100W)

PM101 Datasheet (HTML) - TT Electronics.


PM101 Product details

Features:
• BF class insulation
• Operation altitude up to 5000 meters
• 2 x 4 inch footprint with a 1.29 inch low profile
• Less than 275 μA leakage current
• Wide input range 80-264 VAC
• Meet EN55011/ 55022 and FCC Class B
• Short-circuit protection
• Compliant with RoHS requirements
• No Load power consumption less than 0.15W
Description:
The PM101 series of AC-DC switching power supplies in a package of 2 x 4 x 1.29 inches are capable of delivering 100 watts of continuous power at 7.5 CFM forced air cooling or 80 watts at convection cooling. The units are constructed on a printed circuit board. They are suited for medical applications, information technology and industrial applications. Approval to both IEC60601-1 and IEC609501-1 safety standards improves design-in time and reduces end equipment compliance costs.




Similar Part No. - PM101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM101 ETC-PM101 Datasheet
123Kb / 2P
PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
logo
Analog Devices
PM1012 AD-PM1012 Datasheet
75Kb / 4P
Low Power Precision Operational Amplifier
REV.C
PM1012GP AD-PM1012GP Datasheet
75Kb / 4P
Low Power Precision Operational Amplifier
REV.C
PM1012GS AD-PM1012GS Datasheet
75Kb / 4P
Low Power Precision Operational Amplifier
REV.C
More results


Similar Description - PM101

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
logo
Wall Industries,Inc.
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
100W Medical AC - DC Desktop Power Supplies
logo
Total Power Internation...
TPMPU101 TOTAL-POWER-TPMPU101 Datasheet
309Kb / 2P
100W Desk Top Type Medical Power Supplies
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
Single Output 350W Medical & ITE Power Supplies
logo
ETA-USA
ZMD-SX-F-W ETA-USA-ZMD-SX-F-W Datasheet
2Mb / 4P
100W Both ITE & Medical Approvals
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com