Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM150 Datasheet (PDF) - TT Electronics.

PM150 Datasheet PDF - TT Electronics.
Part # PM150
Download  PM150 Download
File Size   438.24 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM150 Medical & ITE Power Supplies (100-150W)

PM150 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM150 Datasheet PDF - TT Electronics.

Part # PM150
Download  PM150 Click to download

File Size   438.24 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM150 Medical & ITE Power Supplies (100-150W)

PM150 Datasheet (HTML) - TT Electronics.


PM150 Product details

Features:
• BF Class insulation
• Operation altitude up to 5000 meters
• Suitable for both Class I and Class II applications*
• 2 x 4 inch foot print with 1.3 inch low profile
• Less than 2 75 μA leakage current
• W ide input range 80 -264 VAC
• Meet EN55011 /55022 and FCC Class B
• Power Factor 0.98 typical
• 100% burn -in at full load
• Short -circuit protection
• Over-temperature protection
• Power Fail Detect (PFD) signal (optional)
• Compliant with RoHS requirements
• No load power consumption less than 0. 5W without PFD or 1W
with PFD
Description:
The PM150 series of AC-DC switching power supplies in a package of 2 x 4 x 1.3 inches are capable of delivering 100-150
watts of continuous power at 7.5 CFM forced air cooling or 100 watts at convection cooling. The units are constructed on a
printed circuit board. They are specially designed for medical applications. The units are certified also to IEC /EN /UL /CSA
60950-1 and suitable for data networking, industrial and telecommunication applications.




Similar Part No. - PM150

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM150 POWERBOX-PM150 Datasheet
911Kb / 2P
120 - 240 WATTS DC/DC SINGLE
logo
Coherent Corp
PM150-19C COHERENT-PM150-19C Datasheet
416Kb / 3P
Water-Cooled Thermopile Sensors to 5 kW
PM150-50C COHERENT-PM150-50C Datasheet
416Kb / 3P
Water-Cooled Thermopile Sensors to 5 kW
PM150-50XC COHERENT-PM150-50XC Datasheet
416Kb / 3P
Water-Cooled Thermopile Sensors to 5 kW
logo
Powerbox
PM150A12 POWERBOX-PM150A12 Datasheet
911Kb / 2P
120 - 240 WATTS DC/DC SINGLE
More results


Similar Description - PM150

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TWC150 TRUMPOWER-TWC150 Datasheet
83Kb / 2P
150W ITE Grade AC/DC Switching Power Supplies
logo
Total Power Internation...
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
150W Open Frame Type Medical Power Supplies
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
150W Open Frame Type Medical Power Supplies
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
Single Output 350W Medical & ITE Power Supplies
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
150W ITE POWER SUPPLIES
2022.10
FSP150-P35 FSP-FSP150-P35 Datasheet
442Kb / 3P
150W ITE POWER SUPPLIES
2019.04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com